Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70914S15JG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 70914S15JG
Description  HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70914S15JG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 70914S15JG Datasheet HTML 4Page - Integrated Device Technology 70914S15JG Datasheet HTML 5Page - Integrated Device Technology 70914S15JG Datasheet HTML 6Page - Integrated Device Technology 70914S15JG Datasheet HTML 7Page - Integrated Device Technology 70914S15JG Datasheet HTML 8Page - Integrated Device Technology 70914S15JG Datasheet HTML 9Page - Integrated Device Technology 70914S15JG Datasheet HTML 10Page - Integrated Device Technology 70914S15JG Datasheet HTML 11Page - Integrated Device Technology 70914S15JG Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
6.42
9
Comm
IDT70914S
High-Speed 36K (4K x 9) Synchronous Dual-Port Static RAM
Commercial Temperature Range
Timing Waveform of Read-to-Write Cycle No. 1(1,2) (tCYC = min.)
Timing Waveform of Read-to-Write Cycle No. 2(4) (tCYC > min.)
NOTES:
1. For tCYC = min.; data out coincident with the rising edge of the subsequent write clock can occur. To ensure writing to the correct address location, the write must
be repeated on the second write clock rising edge. If CE = VIL, invalid data will be written into array. The An+1 must be rewritten on the following cycle.
2. OE LOW throughout.
3. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2).
4. For tCYC > min.; OE may be used to avoid data out coincident with the rising edge of the subsequent write clock. Use of OE will eliminate the need for the write to
be repeated.
R/
W
ADDRESS
DATAIN
CE
CLKEN
CLK
3490 drw 11
An
An + 1
tCYC
tCH
tH
tCKLZ
tCL
tS
Dn + 1
Qn
tCD
DATAOUT
(3)
OE
tOHZ
(4)
R/
W
ADDRESS
DATAIN
CE
CLKEN
CLK
3490 drw 10
An
An + 1
An + 1
An + 2
tCYC
tCH
tCL
tH
tCKLZ
tCYC
tCH
tCL
tS
Dn +1
Dn +2
Qn
tCD
tCKHZ
DATAOUT
(3)
(3)
(1)
(1)
(1)


Similar Part No. - 70914S15JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70914S15JG IDT-70914S15JG Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
70914S15JG8 IDT-70914S15JG8 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
More results

Similar Description - 70914S15JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70914S RENESAS-70914S Datasheet
413Kb / 13P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JULY 2019
logo
Integrated Device Techn...
IDT70914S IDT-IDT70914S_18 Datasheet
133Kb / 12P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT70914 IDT-IDT70914 Datasheet
109Kb / 11P
   HIGH SPEED 36K (4K X 9) SYNCHRONOUS DUAL-PORT RAM
IDT7099S IDT-IDT7099S Datasheet
131Kb / 9P
   HIGH-SPEED 4K x 9 SYNCHRONOUS DUAL-PORT RAM
IDT709149S IDT-IDT709149S Datasheet
134Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT709149S RENESAS-IDT709149S Datasheet
267Kb / 11P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709149S IDT-IDT709149S_15 Datasheet
618Kb / 10P
   HIGH-SPEED 36K (4K x 9-BIT) SYNCHRONOUS PIPELINED DUAL-PORT SRAM
logo
Renesas Technology Corp
IDT70V914S RENESAS-IDT70V914S Datasheet
610Kb / 10P
   HIGH SPEED 3.3V (4K X 9) SYNCHRONOUS DUAL-PORT RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
   HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com