Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V7319S133BCGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70V7319S133BCGI
Description  HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V7319S133BCGI Datasheet(HTML) 5 Page - Integrated Device Technology

  70V7319S133BCGI Datasheet HTML 1Page - Integrated Device Technology 70V7319S133BCGI Datasheet HTML 2Page - Integrated Device Technology 70V7319S133BCGI Datasheet HTML 3Page - Integrated Device Technology 70V7319S133BCGI Datasheet HTML 4Page - Integrated Device Technology 70V7319S133BCGI Datasheet HTML 5Page - Integrated Device Technology 70V7319S133BCGI Datasheet HTML 6Page - Integrated Device Technology 70V7319S133BCGI Datasheet HTML 7Page - Integrated Device Technology 70V7319S133BCGI Datasheet HTML 8Page - Integrated Device Technology 70V7319S133BCGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
6.42
IDT70V7319S
High-Speed 256K x 18 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
5
NOTES:
1. "H" = VIH,"L" = VIL,"X" = Don't Care.
2. ADS,CNTEN,REPEATaresetasappropriateforaddressaccess.RefertoTruthTableIIfordetails.
3. OEisanasynchronousinputsignal.
4. Itispossibletoreadorwriteanycombinationofbytesduringagivenaccess.Afewrepresentativesampleshavebeenillustratedhere.
Truth Table I—Read/Write and Enable Control(1,2,3,4)
OE3
CLK
CE0
CE1
UB
LB
R/W
Upper Byte
I/O9-17
Lower Byte
I/O0-8
MODE
X
H
XXXX
High-Z
High-Z
Deselected–Power Down
X
X
L
X
X
X
High-Z
High-Z
Deselected–Power Down
X
L
H
H
H
X
High-Z
High-Z
All Bytes Deselected
X
LH
H
L
L
High-Z
DIN
Write to Lower Byte Only
X
LH
LH
L
DIN
High-Z
Write to Upper Byte Only
X
LH
L
L
L
DIN
DIN
Write to both Bytes
L
LH
H
L
H
High-Z
DOUT
Read Lower Byte Only
L
LH
LH
H
DOUT
High-Z
Read UpperByte Only
L
LH
L
L
H
DOUT
DOUT
Read both Bytes
H
XXXXXX
High-Z
High-Z
Outputs Disabled
5629 tbl 02
Truth Table II—Address and Address Counter Control(1,2,7)
NOTES:
1. "H" = VIH,"L" = VIL,"X" = Don't Care.
2. ReadandwriteoperationsarecontrolledbytheappropriatesettingofR/W,CE0,CE1,UB/LBandOE.
3. Outputsconfiguredinflow-throughoutputmode:ifoutputsareinpipelinedmodethedataoutwillbedelayedbyonecycle.
4. ADSandREPEATareindependentofallothermemorycontrolsignalsincludingCE0,CE1andUB/LB
5. TheaddresscounteradvancesifCNTEN=VILontherisingedgeofCLK,regardlessofallothermemorycontrolsignalsincludingCE0,CE1,UB/LB.
6. WhenREPEATisasserted,thecounterwillresettothelastvalidaddressloadedviaADS.Thisvalueisnotsetatpower-up:aknownlocationshouldbeloadedviaADSduringinitialization
ifdesired.AnysubsequentADSaccessduringoperationswillupdatetheREPEATaddresslocation.
7. Thecounterincludesbankaddressandinternaladdress.Thecounterwilladvanceacrossbankboundaries.Forexample,ifthecounterisinBank0,ataddressFFFh,andisadvancedone
location,itwillmovetoaddress0hinBank1.Bythesametoken,thecounteratFFFhinBank63willadvanceto0hinBank0.RefertoTimingWaveformofCounterRepeat,page17.Care
shouldbetakenduringoperationtoavoidhavingbothcounterspointtothesamebank(i.e.,ensureBA0L-BA5L
≠BA0R-BA5R),asthisconditionwillinvalidatetheaccessforbothports.
Pleaserefertothefunctionaldescriptiononpage18fordetails.
Address
Previous
Address
Addr
Used
CLK
ADS
CNTEN
REPEAT(6)
I/O(3)
MODE
An
X
An
L(4)
XH
DI/O (n)
External Address Used
XAn
An + 1
H
L(5)
HDI/O(n+1)
Counter Enabled—Internal Address generation
X
An + 1
An + 1
HH
H
DI/O(n+1)
External Address Blocked—Counter disabled (An + 1 reused)
XX
An
XX
L(4)
DI/O(0)
Counter Set to last valid ADS load
5629 tbl 03


Similar Part No. - 70V7319S133BCGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V7319S133BC RENESAS-70V7319S133BC Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
70V7319S133BC8 RENESAS-70V7319S133BC8 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results

Similar Description - 70V7319S133BCGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S Datasheet
490Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7339 RENESAS-70V7339 Datasheet
540Kb / 23P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com