Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE68118-T1 Datasheet(PDF) 6 Page - NEC

Part # NE68118-T1
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68118-T1 Datasheet(HTML) 6 Page - NEC

Back Button NE68118-T1 Datasheet HTML 2Page - NEC NE68118-T1 Datasheet HTML 3Page - NEC NE68118-T1 Datasheet HTML 4Page - NEC NE68118-T1 Datasheet HTML 5Page - NEC NE68118-T1 Datasheet HTML 6Page - NEC NE68118-T1 Datasheet HTML 7Page - NEC NE68118-T1 Datasheet HTML 8Page - NEC NE68118-T1 Datasheet HTML 9Page - NEC NE68118-T1 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS
VCE = 8 V, IC = 20 mA
100
0.827
-20.8
19.513
163.9
0.012
88.3
0.964
-7.0
0.03
32.1
200
0.809
-49.5
17.981
151.0
0.022
65.5
0.894
-16.8
0.13
29.1
500
0.742
-101.1
12.631
123.0
0.038
42.2
0.691
-27.4
0.28
25.2
1000
0.701
-139.2
7.498
101.5
0.047
36.7
0.536
-29.0
0.47
22.0
1500
0.689
-156.6
5.182
90.4
0.049
33.0
0.483
-28.6
0.71
20.2
2000
0.686
-167.2
3.959
82.0
0.053
35.0
0.461
-29.2
0.88
18.7
3000
0.687
179.8
2.687
69.7
0.061
45.9
0.447
-33.6
1.11
14.4
4000
0.693
172.2
2.048
59.1
0.071
48.7
0.449
-40.6
1.21
11.8
5000
0.699
166.6
1.662
49.8
0.081
53.2
0.454
-48.0
1.27
10.0
6000
0.708
162.1
1.431
41.1
0.096
57.0
0.473
-57.1
1.15
9.4
7000
0.717
157.0
1.250
31.7
0.116
56.6
0.490
-66.8
0.99
10.3
8000
0.721
151.7
1.105
23.3
0.125
56.9
0.519
-76.0
0.97
9.5
9000
0.725
145.5
0.989
14.2
0.146
55.9
0.549
-86.4
0.83
8.3
10000
0.726
137.6
0.868
5.9
0.169
54.9
0.582
-96.0
0.74
7.1
11000
0.724
131.2
0.773
-2.0
0.179
51.9
0.621 -104.8
0.71
6.4
12000
0.722
123.6
0.673
-9.7
0.192
49.0
0.663 -114.1
0.69
5.4
100
0.665
-47.0
38.130
154.1
0.011
90.0
0.885
-15.0
0.01
35.4
200
0.664
-85.3
31.089
135.9
0.017
70.3
0.753
-26.0
0.12
32.6
500
0.663
-135.8
16.975
108.9
0.025
45.4
0.504
-30.8
0.45
28.3
1000
0.663
-161.1
9.066
93.2
0.028
49.5
0.404
-27.0
0.82
25.1
1500
0.667
-171.7
6.113
84.9
0.036
49.6
0.377
-26.3
0.97
22.3
2000
0.669
-178.4
4.627
78.3
0.042
53.2
0.369
-26.6
1.10
18.5
3000
0.676
172.7
3.112
67.9
0.054
59.2
0.361
-31.6
1.25
14.6
4000
0.686
167.3
2.361
58.6
0.071
62.6
0.362
-38.5
1.21
12.5
5000
0.693
162.6
1.913
50.1
0.086
63.5
0.372
-45.8
1.19
10.8
6000
0.705
159.0
1.643
42.2
0.103
65.1
0.386
-55.5
1.08
10.3
7000
0.719
154.5
1.433
33.3
0.123
63.2
0.405
-65.0
0.94
10.7
8000
0.727
149.4
1.266
25.4
0.133
60.6
0.433
-74.2
0.91
9.8
9000
0.726
143.5
1.134
16.7
0.153
60.4
0.464
-84.5
0.84
8.7
10000
0.733
135.9
1.001
8.4
0.171
57.3
0.500
-94.4
0.76
7.7
11000
0.732
129.4
0.897
0.5
0.185
53.9
0.546 -103.2
0.71
6.9
12000
0.728
122.1
0.787
-7.1
0.197
51.8
0.587 -112.6
0.72
6.0
S-Parameters include bond wires.
BASE: Total 1 wire (s), 1 per bond pad, 0.0122" (309 µm) long each wire.
COLLECTOR: Total 1 wire (s), 1 per bond pad, 0.008" (203 µm) long each wire.
EMITTER: Total 2 wire (s), 1 per side, 0.0194" (494 µm) long each wire.
WIRE: 0.0007" (17.7 µm) dia., gold.
NE68100
VCE = 8 V, IC = 7 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
Coordinates in Ohms
Frequency in GHz
(VCE = 8 V, IC = 7 mA)
NE681 SERIES
Note:
1. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
17 GHz
S11
0.1 GHz
S22
17 GHz
S22
0.1 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
20
15
10
0.5
0.4
0.3
0.2
0.1
S12
17 GHz
S12
0.1 GHz
S21
17 GHz
S21
0.1 GHz
S21 25


Similar Part No. - NE68118-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE68118-T1 CEL-NE68118-T1 Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68118-T1-A CEL-NE68118-T1-A Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68118-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com