Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE68119-T1 Datasheet(PDF) 8 Page - NEC

Part # NE68119-T1
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE68119-T1 Datasheet(HTML) 8 Page - NEC

Back Button NE68119-T1 Datasheet HTML 4Page - NEC NE68119-T1 Datasheet HTML 5Page - NEC NE68119-T1 Datasheet HTML 6Page - NEC NE68119-T1 Datasheet HTML 7Page - NEC NE68119-T1 Datasheet HTML 8Page - NEC NE68119-T1 Datasheet HTML 9Page - NEC NE68119-T1 Datasheet HTML 10Page - NEC NE68119-T1 Datasheet HTML 11Page - NEC NE68119-T1 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS
NE68133
VCE = 8 V, IC = 7 mA
Coordinates in Ohms
Frequency in GHz
(VCE = 8 V, IC = 10 mA)
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
0.802
-27.1
17.578
153.8
0.023
68.7
0.918
-12.7
0.37
28.8
200
0.639
-49.2
14.213
134.2
0.039
69.8
0.783
-19.9
0.46
25.6
500
0.344
-83.3
7.671
105.5
0.065
67.8
0.579
-21.5
0.81
20.7
1000
0.170
-113.4
4.126
86.7
0.109
73.5
0.491
-17.7
1.01
15.2
1500
0.115
-144.1
2.870
75.3
0.160
74.8
0.454
-17.8
1.05
11.2
2000
0.098
-176.3
2.254
66.2
0.212
74.7
0.438
-16.9
1.04
9.0
3000
0.137
137.6
1.669
53.2
0.313
73.2
0.409
-21.0
0.99
7.3
100
0.744
-31.7
21.212
148.4
0.017
57.9
0.896
-14.6
0.50
31.0
200
0.553
-54.5
16.031
127.9
0.037
69.0
0.737
-21.7
0.54
26.4
500
0.277
-87.1
8.093
102.0
0.061
72.6
0.540
-20.9
0.88
21.2
1000
0.134
-115.8
4.284
85.3
0.109
76.3
0.461
-17.0
1.04
14.7
1500
0.092
-146.2
2.981
75.2
0.165
75.9
0.430
-16.5
1.04
11.3
2000
0.079
180.0
2.350
66.5
0.217
75.2
0.413
-16.8
1.03
9.3
3000
0.122
134.2
1.736
53.9
0.320
73.7
0.380
-21.3
0.99
7.3
VCE = 8 V, IC = 10 mA
100
0.594
-43.3
29.285
138.1
0.013
61.2
0.792
-19.4
0.57
33.5
200
0.389
-66.3
19.280
117.5
0.035
73.1
0.614
-22.6
0.69
27.4
500
0.175
-95.5
8.683
96.1
0.057
74.0
0.481
-16.5
0.98
21.8
1000
0.089
-127.5
4.512
82.3
0.110
79.6
0.440
-13.2
1.03
15.1
1500
0.064
-160.8
3.078
73.3
0.167
78.9
0.416
-13.9
1.04
11.4
2000
0.070
167.0
2.406
64.9
0.221
74.9
0.404
-13.8
1.02
9.5
3000
0.120
132.5
1.774
53.1
0.322
72.4
0.379
-19.4
0.98
7.4
VCE = 8 V, IC = 20 mA
100
0.557
-46.9
30.197
135.2
0.017
65.9
0.836
-17.4
0.50
32.5
200
0.354
-70.7
19.196
115.1
0.029
73.4
0.664
-22.2
0.67
28.2
500
0.158
-100.5
8.499
94.8
0.059
77.7
0.503
-17.7
0.95
21.6
1000
0.080
-136.1
4.363
81.7
0.111
80.7
0.455
-14.3
1.03
14.9
1500
0.065
-175.0
3.009
72.7
0.167
80.1
0.428
-14.2
1.03
11.5
2000
0.076
156.0
2.348
65.0
0.219
77.1
0.415
-14.2
1.03
9.2
3000
0.127
128.4
1.742
53.0
0.325
74.2
0.387
-19.7
0.98
7.3
VCE = 8 V, IC = 30 mA
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
Note:
1. Gain Calculations:
NE681 SERIES
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
j250
j150
j100
j50
-j50
-j25
j25
j10
-j10
00
-j100
-j150
-j250
10
500
250
150
100
50
25
10
S11
2 GHz
S11
0.1 GHz
S22
0.1 GHz
S22
2 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
25
20
.15
.10
.05
S21
2 GHz
S21
0.1 GHz
S21
20
15
10
25
S12
2 GHz
S12
0.1 GHz


Similar Part No. - NE68119-T1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE68119-T1 CEL-NE68119-T1 Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
NE68119-T1-A CEL-NE68119-T1-A Datasheet
663Kb / 21P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE68119-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com