Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70V3379S6BCG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70V3379S6BCG
Description  HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V3379S6BCG Datasheet(HTML) 2 Page - Integrated Device Technology

  70V3379S6BCG Datasheet HTML 1Page - Integrated Device Technology 70V3379S6BCG Datasheet HTML 2Page - Integrated Device Technology 70V3379S6BCG Datasheet HTML 3Page - Integrated Device Technology 70V3379S6BCG Datasheet HTML 4Page - Integrated Device Technology 70V3379S6BCG Datasheet HTML 5Page - Integrated Device Technology 70V3379S6BCG Datasheet HTML 6Page - Integrated Device Technology 70V3379S6BCG Datasheet HTML 7Page - Integrated Device Technology 70V3379S6BCG Datasheet HTML 8Page - Integrated Device Technology 70V3379S6BCG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6.42
IDT70V3379S
High-Speed 3.3v 32K x 18 Dual-Port Synchronous Pipelined Static RAM
Industrial and Commercial Temperature Ranges
2
Description:
TheIDT70V3379isahigh-speed32Kx18bitsynchronousDual-Port
RAM. The memory array utilizes Dual-Port memory cells to allow
simultaneousaccessofanyaddressfrombothports.Registersoncontrol,
data,andaddressinputsprovideminimalsetupandholdtimes.Thetiming
latitudeprovidedbythisapproachallowssystemstobedesignedwithvery
shortcycletimes.Withaninputdataregister,theIDT70V3379hasbeen
optimizedforapplicationshavingunidirectionalorbidirectionaldataflow
inbursts.Anautomaticpowerdownfeature,controlledbyCE0andCE1,
permitstheon-chipcircuitryofeachporttoenteraverylowstandbypower
mode.
The70V3379cansupportanoperatingvoltageofeither3.3Vor2.5V
ononeorbothports,controllablebytheOPTpins.Thepowersupplyfor
the core of the device (VDD) remains at 3.3V.
Pin Configuration(1,2,3,4)
NOTES:
1. All VDD pins must be connected to 3.3V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V), and 2.5V if OPT pin for that port is
set to VIL (0V).
3. All VSS pins must be connected to ground supply.
4. Package body is approximately 15mm x 15mm x 1.4mm, with 0.8mm ball pitch.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
17
16
15
14
12
13
10
9
8
7
6
5
4
3
2
1
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
I/O9L
NC
VSS
NC
A2L
A4L
CLKL
A8L
A12L
NC
NC
OPTL
NC
VSS
NC
VSS
A1L
A5L
A9L
A13L
NC
VDDQ
L
I/O9R
VDDQR
VDD
A3L
A6L
NC
A10L
A14L
NC
NC
NC
VSS
I/O10L
NC
NC
I/O11L
NC
VDDQR I/O10R
NC
I/O11R
NC
VSS
VDD
NC
I/O12L
VDD
VSS
VSS
NC
VSS
I/O12R
CNTRS TR
NC
I/O14L
VDDQR
VDDQL
I/O15R
NC
VSS
NC
NC
NC
A11L
A7L
A0L
NC
I/O7L
NC
I/O6L
I/O8R
UBL
NC
I/O8L
VDDQL
CE0L
CE1L
LBL
CNT RS T L
OEL
I/O0L
I/O2L
I/O1R
ADSR
R/
WR
NC
I/O16
R
I/O15L
NC
A13R
A12R
NC
VDD
CLK
R
I/O0R
NC
NC
NC
NC
NC
NC
VSS
A5R
A9R
CE0R
CE1R
VDD
VSS
NC
NC
NC
NC
NC
NC
A14R
A10R
UBR
VSS
VDDQL
I/O1L
I/O2R
NC
NC
NC
NC
A11R
A7R
LBR
OER
VSS
NC
VDDQL
OPTR
NC
70V3379BF
BF-208(5)
208-Pin fpBGA
Top View(6)
4833 drw 02
I/O14R
VDDQ
L
VSS
VDDQR
NC
NC
NC
NC
I/O7R
NC
R/
WL
NC
ADSL
VDDQ
L
I/O13R
CNTEN L
VSS
I/O13
L
VSS
I/O16L
VDDQR
VSS
I/O17
R
I/O17L
VDDQL
VSS
VDD
A8R
CN T EN R
A6R
A3R
A1R
A2R
A0R
I/O3L
I/O4L
A4R
VDD
VSS
VSS
VSS
VDDQR
VDDQL
VSS
VDDQR
VSS
I/O3R
I/O4R
VSS
VDDQR
VSS
VDD
VSS
VDD
VSS
I/O5R
I/O5L
VDDQR
I/O6R
VSS
VSS
VDDQL
VDD
VSS
VDDQR
VSS
VSS
VDD
VDD
VSS
VDD
VSS


Similar Part No. - 70V3379S6BCG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70V3379S6BCG IDT-70V3379S6BCG Datasheet
197Kb / 17P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3379S6BCG8 IDT-70V3379S6BCG8 Datasheet
197Kb / 17P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3379S6BCGI IDT-70V3379S6BCGI Datasheet
197Kb / 17P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
70V3379S6BCGI8 IDT-70V3379S6BCGI8 Datasheet
197Kb / 17P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - 70V3379S6BCG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT70V9379L RENESAS-IDT70V9379L Datasheet
485Kb / 16P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9379L IDT-IDT70V9379L Datasheet
190Kb / 15P
   HIGH-SPEED 3.3V 32K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3579S IDT-IDT70V3579S_14 Datasheet
184Kb / 17P
   HIGH-SPEED 3.3V 32K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9179 RENESAS-70V9179 Datasheet
286Kb / 18P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Feb.18.20
logo
Integrated Device Techn...
IDT70V9179 IDT-IDT70V9179 Datasheet
181Kb / 15P
   HIGH-SPEED 3.3V 32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
   HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com