Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

709079S15PFG8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 709079S15PFG8
Description  HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

709079S15PFG8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 709079S15PFG8 Datasheet HTML 3Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 4Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 5Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 6Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 7Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 8Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 9Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 10Page - Integrated Device Technology 709079S15PFG8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
6.42
IDT709089/79S/L
High-Speed 64/32K x 8 Synchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
7
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with the Output Test Load (Figure 2). This parameter is guaranteed by device
characterization, but is not production tested.
2. The Pipelined output parameters (tCYC2, tCD2) apply to either or both left and right ports when FT/PIPE = VIH. Flow-through parameters (tCYC1, tCD1) apply when
FT/PIPE = VIL for that port.
3. All input signals are synchronous with respect to the clock except for the asynchronous Output Enable (OE) and FT/PIPE. FT/PIPE should be treated as a DC
signal, i.e. steady state during operation.
4. 'X' in part number indicates power rating (S or L).
AC Electrical Characteristics Over the Operating Temperature Range
(Read and Write Cycle Timing)(3,4) (VCC = 5V ± 10%)
709089/79X9
Com'l Only
709089/79X12
Com'l
& Ind
709089/79X15
Com'l Only
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tCYC1
Clock Cycle Time (Flow-Through)(2)
25
____
30
____
35
____
ns
tCYC2
Clock Cycle Time (Pipelined)(2)
15
____
20
____
25
____
ns
tCH1
Clock High Time (Flow-Through)(2)
12
____
12
____
12
____
ns
tCL1
Clock Low Time (Flow-Through)(2)
12
____
12
____
12
____
ns
tCH2
Clock High Time (Pipelined)(2)
6
____
8
____
10
____
ns
tCL2
Clock Low Time (Pipelined)(2)
6
____
8
____
10
____
ns
tR
Clock Rise Time
____
3
____
3
____
3ns
tF
Clock Fall Time
____
3
____
3
____
3ns
tSA
Address Setup Time
4
____
4
____
4
____
ns
tHA
Address Hold Time
1
____
1
____
1
____
ns
tSC
Chip Enable Setup Time
4
____
4
____
4
____
ns
tHC
Chip Enable Hold Time
1
____
1
____
1
____
ns
tSW
R/W Setup Time
4
____
4
____
4
____
ns
tHW
R/W Hold Time
1
____
1
____
1
____
ns
tSD
Input Data Setup Time
4
____
4
____
4
____
ns
tHD
Input Data Hold Time
1
____
1
____
1
____
ns
tSAD
ADS Setup Time
4
____
4
____
4
____
ns
tHAD
ADS Hold Time
1
____
1
____
1
____
ns
tSCN
CNTEN Setup Time
4
____
4
____
4
____
ns
tHCN
CNTEN Hold Time
1
____
1
____
1
____
ns
tSRST
CNTRST Setup Time
4
____
4
____
4
____
ns
tHRST
CNTRST Hold Time
1
____
1
____
1
____
ns
tOE
Output Enable to Data Valid
____
9
____
12
____
15
ns
tOLZ
Output Enable to Output Low-Z(1)
2
____
2
____
2
____
ns
tOHZ
Output Enable to Output High-Z(1)
17
1
7
17
ns
tCD1
Clock to Data Valid (Flow-Through)(2)
____
20
____
25
____
30
ns
tCD2
Clock to Data Valid (Pipelined)(2)
____
9
____
12
____
15
ns
tDC
Data Output Hold After Clock High
2
____
2
____
2
____
ns
tCKHZ
Clock High to Output High-Z(1)
2
9292
9
ns
tCKLZ
Clock High to Output Low-Z(1)
2
____
2
____
2
____
ns
Port-to-Port Delay
tCWDD
Write Port Clock High to Read Data Delay
____
35
____
40
____
50
ns
tCCS
Clock-to-Clock Setup Time
____
15
____
15
____
20
ns
3242 tbl 11


Similar Part No. - 709079S15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709079S15PFG8 RENESAS-709079S15PFG8 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
More results

Similar Description - 709079S15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709089 RENESAS-709089 Datasheet
374Kb / 18P
   HIGH-SPEED 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
JANUARY 2018
logo
Integrated Device Techn...
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089 Datasheet
332Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9089 RENESAS-70V9089 Datasheet
514Kb / 20P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
SEPTEMBER 2019
logo
Integrated Device Techn...
IDT709079S IDT-IDT709079S Datasheet
309Kb / 17P
   HIGH-SPEED 32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S Datasheet
257Kb / 21P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT7007S IDT-IDT7007S_14 Datasheet
356Kb / 22P
   HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
IDT70V9189 IDT-IDT70V9189 Datasheet
305Kb / 17P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70V9189 RENESAS-IDT70V9189 Datasheet
513Kb / 18P
   HIGH-SPEED 3.3V 64/32K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70V07S IDT-IDT70V07S Datasheet
246Kb / 18P
   HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com