Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3399S133BFG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70T3399S133BFG8
Description  HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3399S133BFG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  70T3399S133BFG8 Datasheet HTML 1Page - Integrated Device Technology 70T3399S133BFG8 Datasheet HTML 2Page - Integrated Device Technology 70T3399S133BFG8 Datasheet HTML 3Page - Integrated Device Technology 70T3399S133BFG8 Datasheet HTML 4Page - Integrated Device Technology 70T3399S133BFG8 Datasheet HTML 5Page - Integrated Device Technology 70T3399S133BFG8 Datasheet HTML 6Page - Integrated Device Technology 70T3399S133BFG8 Datasheet HTML 7Page - Integrated Device Technology 70T3399S133BFG8 Datasheet HTML 8Page - Integrated Device Technology 70T3399S133BFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
©2015 Integrated Device Technology, Inc.
JUNE 2015
DSC-5652/8
1
HIGH-SPEED 2.5V
512/256/128K X 18
SYNCHRONOUS
DUAL-PORT STATIC RAM
WITH 3.3V OR 2.5V INTERFACE
IDT70T3339/19/99S
Functional Block Diagram
– 1.5ns setup to clock and 0.5ns hold on all control, data,
and address inputs @ 200MHz
– Self-timedwriteallowsfastcycletime
Separate byte controls for multiplexed bus and bus
matching compatibility
Dual Cycle Deselect (DCD) for Pipelined Output Mode
2.5V (±100mV) power supply for core
LVTTL compatible, selectable 3.3V (±150mV) or 2.5V
(±100mV) power supply for I/Os and control signals on
each port
Industrial temperature range (-40°C to +85°C) is
available at 166MHz and 133MHz
Available in a 256-pin Ball Grid Array (BGA) and 208-pin fine
pitch Ball Grid Array (fpBGA)
Supports JTAG features compliant with IEEE 1149.1
Green parts available, see ordering information
Features:
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed data access
– Commercial: 3.4 (200MHz)/3.6ns (166MHz)/
4.2ns (133MHz)(max.)
– Industrial: 3.6ns (166MHz)/4.2ns (133MHz) (max.)
Selectable Pipelined or Flow-Through output mode
Counter enable and repeat features
Dual chip enables allow for depth expansion without
additional logic
Interrupt and Collision Detection Flags
Full synchronous operation on both ports
– 5ns cycle time, 200MHz operation (14Gbps bandwidth)
– Fast 3.4ns clock to data out
– Data input, address, byte enable and control registers
1. Address A18 is a NC for the IDT70T3319. Also, Addresses A18 and A17 are NC's for the IDT70T3399.
2. The sleep mode pin shuts off all dynamic inputs, except JTAG inputs, when asserted. All static inputs, i.e., PL/FTx and
OPTx and the sleep mode pins themselves (ZZx) are not affected during sleep mode.
NOTES:
Dout0-8_L
B
W
0
L
B
W
1
L
Din_L
OEL
UBL
LBL
R/
WL
CE0L
CE1L
ab
FT/PIPEL
0/1
1b 0b 1a 0a
1
0
1/0
0b 1b
0a 1a
ab
FT/PIPEL
1/0
REPEATR
A0R
CNTENR
ADSR
Dout0-8_R
Dout9-17_R
I/O0R - I/O17R
Din_R
ADDR_R
OER
UBR
LBR
R/
WR
CE0R
CE1R
FT/PIPER
CLKR
,
Counter/
Address
Reg.
B
W
1
R
B
W
0
R
FT/PIPER
Counter/
Address
Reg.
CNTENL
ADSL
REPEATL
Dout9-17_L
I/O0L - I/O17L
A18L(1)
A0L
ADDR_L
5652 drw 01
512/256/128K x 18
MEMORY
ARRAY
CLKL
,
ba
0/1
0b
1b
0a 1a
1
0
1/0
1b 0b
1a 0a
a
b
1/0
INTERRUPT
COLLISION
DETECTION
LOGIC
INTL
COL L
INTR
COLR
R/
W L
R/
WR
CE 0 L
CE1L
CE0 R
CE1R
ZZ
CONTROL
LOGIC
ZZL
(2)
ZZR
(2)
JTAG
TCK
TRST
TMS
TDO
TDI
A18R(1)


Similar Part No. - 70T3399S133BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3399S133BFG8 IDT-70T3399S133BFG8 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3399S133BFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70T3509M IDT-IDT70T3509M_14 Datasheet
212Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3509M IDT-IDT70T3509M_18 Datasheet
310Kb / 23P
   HIGH-SPEED 2.5V SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3519 IDT-IDT70T3519_18 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3339 IDT-IDT70T3339_18 Datasheet
342Kb / 27P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719 IDT-IDT70T3719_18 Datasheet
345Kb / 25P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V3319 IDT-IDT70V3319_18 Datasheet
259Kb / 23P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_18 Datasheet
345Kb / 26P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_18 Datasheet
192Kb / 16P
   HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com