Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX66C1024SI-10 Datasheet(PDF) 4 Page - Macronix International

Part # MX66C1024SI-10
Description  5V Low Power CMOS SRAM 128 x 8 Bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX66C1024SI-10 Datasheet(HTML) 4 Page - Macronix International

  MX66C1024SI-10 Datasheet HTML 1Page - Macronix International MX66C1024SI-10 Datasheet HTML 2Page - Macronix International MX66C1024SI-10 Datasheet HTML 3Page - Macronix International MX66C1024SI-10 Datasheet HTML 4Page - Macronix International MX66C1024SI-10 Datasheet HTML 5Page - Macronix International MX66C1024SI-10 Datasheet HTML 6Page - Macronix International MX66C1024SI-10 Datasheet HTML 7Page - Macronix International MX66C1024SI-10 Datasheet HTML 8Page - Macronix International MX66C1024SI-10 Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MX66C1024
4
P/N DS00040
Rev. 1.0, November 1999
Macronix America Inc., USA 1338 Ridder Park Dr., San Jose, CA 95131
Tel (408)453-8088 Fax (408)451-0876 http: www.macronix.com
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
MX66C1024-70
MIN. TYP. MAX.
MX66C1024-10
MIN. TYP. MAX.
UNIT
t
AVAX
t
RC
Read Cycle Time
70
--
--
100
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
--
--
100
ns
t
E1LQV
t
ACS1
Chip Select Access Time
(CE1)
--
--
70
--
--
100
ns
t
E2HOV
t
ACS2
Chip Select Access Time
(CE2)
--
--
70
--
--
100
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
50
--
--
50
ns
t
E1LQX
t
CLZ1
Chip Select to Output Low Z
(CE1)
10
--
--
10
--
--
ns
t
E2HOX
t
CLZ2
Chip Select to Output Low Z
(CE2)
10
--
--
10
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
10
--
--
ns
t
E1HQZ
t
CHZ1
Chip Deselect to Output in High Z
(CE1)
0
--
40
0
--
40
ns
t
E2HQZ
t
CHZ1
Chip Deselect to Output in High Z
(CE2)
0
40
0
40
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0
--
35
0
--
35
ns
t
AXOX
t
OH
Output Disable to Output Address Change
10
--
--
10
--
--
ns
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
Vcc/0V
5ns
0.5Vcc
n
n AC ELECTRICAL CHARACTERISTICS (over the operating range)
READ CYCLE
n
n AC TEST CONDITIONS
n
n AC TEST LOADS AND WAVEFORMS
n
n KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
1. Typical characteristics are at Vcc = 5V, TA = 25oC.
600
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
Vcc
GND
← 5ns
90%
10%
0.9V
OUTPUT
FIGURE 2
5.0V
OUTPUT
INCLUDING
JIG AND
SCOPE
1000
1500
5PF
FIGURE 1B
5.0V
OUTPUT
INCLUDING
JIG AND
SCOPE
1000
100PF
FIGURE 1A
1500


Similar Part No. - MX66C1024SI-10

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MC-10 MCNIX-MX66C256MC-10 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MC-70 MCNIX-MX66C256MC-70 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MI-10 MCNIX-MX66C256MI-10 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
MX66C256MI-70 MCNIX-MX66C256MI-70 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
More results

Similar Description - MX66C1024SI-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L20488A LYONTEK-LY62L20488A_13 Datasheet
427Kb / 13P
   2048K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY621024_1008 LYONTEK-LY621024_1008 Datasheet
346Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L20488 LYONTEK-LY62L20488 Datasheet
159Kb / 12P
   2048K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com