Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R60PI2470AA01K Datasheet(PDF) 2 Page - Kemet Corporation

Part # R60PI2470AA01K
Description  General Purpose Metallized Polyester Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60PI2470AA01K Datasheet(HTML) 2 Page - Kemet Corporation

  R60PI2470AA01K Datasheet HTML 1Page - Kemet Corporation R60PI2470AA01K Datasheet HTML 2Page - Kemet Corporation R60PI2470AA01K Datasheet HTML 3Page - Kemet Corporation R60PI2470AA01K Datasheet HTML 4Page - Kemet Corporation R60PI2470AA01K Datasheet HTML 5Page - Kemet Corporation R60PI2470AA01K Datasheet HTML 6Page - Kemet Corporation R60PI2470AA01K Datasheet HTML 7Page - Kemet Corporation R60PI2470AA01K Datasheet HTML 8Page - Kemet Corporation R60PI2470AA01K Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3103_R60 • 9/23/2016
2
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R60 Series, Radial, 10 – 37.5 mm Lead Spacing, 63 – 1,000 VDC (Automotive Grade)
Ordering Options Table
Lead Spacing
Nominal
(mm)
Type of Leads and Packaging
LL Lead Length
(mm)
Lead and
Packaging
Code
10
15
22.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Ammo Pack
H
0=18.5+/−0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0 =18.5+/−0.5
GY
Tape & Reel (Large Reel)
H
0=18.5+/−0.5
CK
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
10+/−1
JC
Bulk (Bag) – Short Leads
4.0+0.5/−0
JE
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
18+1/−1
JM*
Bulk (Bag) – Long Leads
17+1/−2
Z3**
Bulk (Bag) – Long Leads
30+5/−0
40
Bulk (Bag) – Long Leads
25+2/−1
50
27.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Other Lead and Packaging Options
T&R (Large Reel)
H
0=18.5+/−0.5
CK
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
4.0+0.5/−0
JE
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
18+1/−1
JM
Bulk (Bag) – Long Leads
30+5/−0
40
Bulk (Bag) – Long Leads
25+2/−1
50
37.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/−0
AA
Other Lead and Packaging Options
Bulk (Bag) – Short Leads
2.7+0.5/−0
JA
Bulk (Bag) – Short Leads
3.5+0.5/−0
JB
Bulk (Bag) – Short Leads
4.0+0.5/−0
JE
Bulk (Bag) – Short Leads
3.2+0.3/−0.2
JH
Bulk (Bag) – Long Leads
18+1/−1
JM
Bulk (Bag) – Long Leads
30+5/−0
40
Bulk (Bag) – Long Leads
25+2/−1
50
* Only available for Lead Spacing ≥15 mm.
** Only available for 10 mm Lead Spacing.


Similar Part No. - R60PI2470AA01K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60PI24705030K KEMET-R60PI24705030K Datasheet
55Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 0.047 uF, 10%, 630 V, 85C, Lead Spacing = 15mm
More results

Similar Description - R60PI2470AA01K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com