Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70T3589S166BFGI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 70T3589S166BFGI
Description  HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70T3589S166BFGI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 70T3589S166BFGI Datasheet HTML 4Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 5Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 6Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 7Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 8Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 9Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 10Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 11Page - Integrated Device Technology 70T3589S166BFGI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
6.42
IDT70T3519/99/89S
High-Speed 2.5V 256/128/64K x 36 Dual-Port Synchronous Static RAM
Industrial and Commercial Temperature Ranges
8
RecommendedOperating
Temperature and Supply Voltage (1)
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
2.5V
+ 100mV
Industrial
-40OC to +85OC0V
2.5V
+ 100mV
5666 tbl 04
Recommended DC Operating
Conditions with VDDQ at 3.3V
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tCYC/2, or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
3. To select operation at 3.3V levels on the I/Os and controls of a given port, the OPT pin
for that port must be set to VDD (2.5V), and VDDQX for that port must be supplied as indicated
above.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
3.15
3.3
3.45
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address, Control
&Data I/O Inputs)(3)
2.0
____
VDDQ + 150mV(2)
V
VIH
Input High Voltage _
JTAG
1.7
____
VDD + 100mV(2)
V
VIH
Input High Voltage -
ZZ, OPT, PIPE/FT
VDD - 0.2V
____
VDD + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
VIL
Input Low Voltage -
ZZ, OPT, PIPE/FT
-0.3(1)
____
0.2
V
5666 tbl 05b
Recommended DC Operating
Conditions with VDDQ at 2.5V
NOTES:
1. VIL (min.) = -1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
2. VIH (max.) = VDDQ + 1.0V for pulse width less than tCYC/2 or 5ns, whichever is less.
3. To select operation at 2.5V levels on the I/Os and controls of a given port, the OPT
pin for that port must be set to Vss(0V), and VDDQX for that port must be supplied as indicated
above.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
2.4
2.5
2.6
V
VDDQ
I/O Supply Voltage(3)
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIH
Input High Volltage
(Address, Control &
Data I/O Inputs)(3)
1.7
____
VDDQ + 100mV(2)
V
VIH
Input High Voltage _
JTAG
1.7
____
VDD + 100mV(2)
V
VIH
Input High Voltage -
ZZ, OPT, PIPE/FT
VDD - 0.2V
____
VDD + 100mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.7
V
VIL
Input Low Voltage -
ZZ, OPT, PIPE/FT
-0.3(1)
____
0.2
V
5666 tbl 05a


Similar Part No. - 70T3589S166BFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70T3589S166BFGI IDT-70T3589S166BFGI Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
70T3589S166BFGI8 IDT-70T3589S166BFGI8 Datasheet
353Kb / 28P
   HIGH-SPEED SYNCHRONOUS DUAL-PORT STATIC RAM
More results

Similar Description - 70T3589S166BFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70T3519 RENESAS-70T3519 Datasheet
619Kb / 30P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
logo
Integrated Device Techn...
IDT70T3519 IDT-IDT70T3519 Datasheet
432Kb / 28P
   HIGH-SPEED 2.5V 256/128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V3599S IDT-IDT70V3599S_14 Datasheet
246Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V3599 RENESAS-70V3599 Datasheet
341Kb / 24P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Feb.03.20
logo
Integrated Device Techn...
IDT70V3599 IDT-IDT70V3599 Datasheet
356Kb / 23P
   HIGH-SPEED 3.3V 128/64K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70T651 IDT-IDT70T651_15 Datasheet
739Kb / 28P
   HIGH-SPEED 2.5V 256/128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3539M IDT-IDT70T3539M_15 Datasheet
840Kb / 26P
   HIGH-SPEED 2.5V 512K x 36 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70T3719M IDT-IDT70T3719M Datasheet
240Kb / 25P
   HIGH-SPEED 2.5V 256/128K x 72 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709089S IDT-IDT709089S Datasheet
199Kb / 17P
   HIGH-SPEED 64K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com