Electronic Components Datasheet Search |
|
R76TR1680SE40J Datasheet(PDF) 1 Page - Kemet Corporation |
|
R76TR1680SE40J Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3034_R76 • 2/24/2016 1 One world. One KEMET Benefits • Voltage range: 250 – 2,000 VDC • Capacitance range: 100 pF – 15 µF • Lead Spacing: 7.5 mm – 37.5 mm • Capacitance tolerance: ±5%, ±10%, ±20% • Climatic category: 55/105/56 IEC 60068-1 • Operatingtemperaturerangeof−55˚Cto+105˚C • RoHS compliance and lead-free terminations • Tape and reel packaging in accordance with IEC 60286–2 • Self-healing • Automotive (AEC–Q200) grades available up to lead spacing 22.5mm Overview TheR76Seriesisconstructedofpolypropylenefilmanddouble metallizedpolyesterfilmaselectrodeswithradialleadsoftinned wire. The radial leads are electrically welded to the metal layer on the ends of the capacitor winding. The capacitor is encapsulated in a self-extinguishing solvent resistant plastic case with thermosetting resin material meeting the UL 94V–0 requirements. Two different winding constructions are used depending on voltage parameters. Please see the Performance Characteristics for more information. Automotive grade devices are available (up to lead spacing 22.5 mm) and meet the demanding Automotive Electronics Council's AEC–Q200qualificationrequirements. Applications Typicalapplicationsincludedeflectioncircuitsintelevisions (S-correctionandflybacktuning)andmonitors,switchingspikes suppression in switched mode power supplies (SMPS), lamp capacitors for electronic ballasts and compact lamps, and snubberandsilicon-controlledrectifier(SCR)commutation circuits as well as applications with high voltage and high current. Not suitable for across-the-line application (see Suppressor Capacitors). Polypropylene Pulse/High Frequency Capacitors R76 Series Double Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade) Part Number System R76 I D 1680 SE 30 K Series Rated Voltage (VDC) Lead Spacing (mm) Capacitance Code (pF) Packaging Internal Use Capacitance Tolerance Double Metallized Polypropylene I = 250 M = 400 P = 630 Q = 1,000 T = 1,600 U = 2,000 D = 7.5 F = 10 I = 15 N = 22.5 R = 27.5 W = 37.5 The last three digits representsignificant figures.Thefirstdigit specifiesthetotal number of zeros to be added. See Ordering Options Table 00 10 30 40 50 60 70 80 H = 2.5% J = ±5% K = ±10% Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - R76TR1680SE40J |
|
Similar Description - R76TR1680SE40J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |