Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QDN004LF-U08 Datasheet(PDF) 1 Page - TT Electronics.

Part # QDN004LF-U08
Description  Unidirectional & bidirectional confi gurations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN004LF-U08 Datasheet(HTML) 1 Page - TT Electronics.

  QDN004LF-U08 Datasheet HTML 1Page - TT Electronics. QDN004LF-U08 Datasheet HTML 2Page - TT Electronics. QDN004LF-U08 Datasheet HTML 3Page - TT Electronics. QDN004LF-U08 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Capacitance
TVS Diode Array
QDN004LF Series
Protects up to 8 lines with ESD protection > 40 kV
500 Watts peak pulse power per Line (tp=8/20μs)
Available in multiple voltage types: 3.3V to 36V
Unidirectional & bidirectional confi gurations
Low capacitance: 15pF
RoHS compliant
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Low Capacitance
TVS Diode Array
Protects up to 8 lines with ESD protection > 40 kV
500 Watts peak pulse power per Line (tp=8/20µs)
Available in multiple voltage types: 3.3V to 36V
Unidirectional & bidirectional configurations
Low capacitance: 15pF
RoHS compliant
QDN004LF Series
Applications
Wireless Communication Circuits
RS-422, RS-432, RS-485
Low Voltage ASICs
Ethernet 10/100 Base-T
IEC Compatibility
61000-4-2 (ESD): Air - 15kV, Contact - 8kV
61000-4-4 (EFT): 40A - 5/50ns
61000-4-5 (Surge): 12A, 8/20µs Level 1 (Line-Ground)
and Level 2 (Line-Line)
Rated
Standoff
Voltage
V
WM
Minimum
Breakdown
Voltage
V
(BR)
Maximum
Clamping
Voltage
I
p = 1A
Maximum
Pulse
Clamping
Voltage
t
f - td
Maximum
Leakage
Current
@V
WM
I
D
Maximum
Capacitance
C
V=0
f = 1MHz
Voltage
Temperature
Coefficient
qV
(BR)
(Volts)
(Volts)
(Volts)
(µA)
(pF)
(mV/°C)
QDN004LF-U03
QDN004LF-B03
3.3
4.5
7.0
20.0V @ 35.0A
125
15
-3
QDN004LF-U05
QDN004LF-B05
5.0
6.0
9.8
24.0V @ 42.0A
20
15
3
QDN004LF-U08
QDN004LF-B08
8.0
8.5
13.4
26.0V @ 30.0A
10
15
9
QDN004LF-U12
QDN004LF-B12
12.0
13.3
19.0
33.0V @ 21.0A
2
15
16
QDN004LF-U15
QDN004LF-B15
15.0
16.7
25.5
39.0V @ 15.0A
2
15
17
QDN004LF-U24
QDN004LF-B24
24.0
26.7
40.0
57.0V @ 10.0A
2
15
26
QDN004LF-U36
QDN004LF-B36
36.0
40.0
53.0
72.0V @ 7.0A
2
15
36
Characteristic Data
QDN004LF Series Issue September 2010 Sheet 1 of 4
Resistors
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)


Similar Part No. - QDN004LF-U08

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN005 TTELEC-QDN005 Datasheet
286Kb / 3P
   Low operating and clamping voltages
QDN005LF-05 TTELEC-QDN005LF-05 Datasheet
286Kb / 3P
   Low operating and clamping voltages
More results

Similar Description - QDN004LF-U08

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
   Available in a variety of pin-out confi gurations
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
1N6267 MICROSEMI-1N6267_09 Datasheet
234Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
1.5KE18CA MICROSEMI-1.5KE18CA Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com