Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QDN007LF-U03 Datasheet(PDF) 3 Page - TT Electronics.

Part # QDN007LF-U03
Description  Wireless Communication Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN007LF-U03 Datasheet(HTML) 3 Page - TT Electronics.

  QDN007LF-U03 Datasheet HTML 1Page - TT Electronics. QDN007LF-U03 Datasheet HTML 2Page - TT Electronics. QDN007LF-U03 Datasheet HTML 3Page - TT Electronics. QDN007LF-U03 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mount SOT-23
TVS Diode Array
QDN007LF Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount SOT-23
TVS Diode Array
50
150
250
350
450
550
650
750
850
950 1050
Frequency (MHz)
40dB
20dB
0dB (ref)
-20dB
-40dB
Insertion Loss Characteristics
Return Loss Characteristics
40dB
20dB
0dB (ref)
-20dB
-40dB
50
150
250
350
450
550
650
750
850
950 1050
Frequency (MHz)
Loss Characteristic Data
0
5
10
15
20
25
30
t
f
e-t
Overshoot and Clamping Voltage
25kV 1/30ns waveform ESD Pulse Test
0
100
200
-200
-100
Time (µs)
40
30
20
10
0
Pulse Waveform
I @ t = 8µs
PP
f
½I @ t = 20µs
PP
d
Waveform Parameters
Time t (us)
100
80
60
40
20
0
ESD Pulse Data
Power Rating Data
0.1
1
10
100
1,000
500W 8/20µs Waveform
10,000
Peak Pulse Power vs Time
10,000
1,000
10
1
Pulse Duration t (µs)
d
25°
70°
150°
100
40
60
80
20
Peak Pulse Power
8/20µs
Average Power
Lead Temperature TL (°C)
Power vs Temperature
QDN007LF Series Issue September 2010 Sheet 3 of 4
OBSOLETE


Similar Part No. - QDN007LF-U03

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN004 TTELEC-QDN004 Datasheet
305Kb / 4P
   Unidirectional & bidirectional confi gurations
QDN004LF-B03 TTELEC-QDN004LF-B03 Datasheet
305Kb / 4P
   Unidirectional & bidirectional confi gurations
More results

Similar Description - QDN007LF-U03

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-RF465.0M-A OSCILENT-803-RF465.0M-A Datasheet
146Kb / 2P
   Wireless Communication
803-RF380.8M-B OSCILENT-803-RF380.8M-B_14 Datasheet
201Kb / 2P
   Wireless Communication
803-RF939.0M-A OSCILENT-803-RF939.0M-A Datasheet
420Kb / 3P
   Wireless Communication
803-RF448.0M-C OSCILENT-803-RF448.0M-C Datasheet
145Kb / 2P
   Wireless Communication
logo
Suntsu Electronics, Inc...
SATOA-81D81D14G-CMB6 SUNTSU-SATOA-81D81D14G-CMB6 Datasheet
265Kb / 2P
   Wireless Communication
SATOA-96C8I-GSB1 SUNTSU-SATOA-96C8I-GSB1 Datasheet
374Kb / 2P
   Wireless Communication
logo
Oscilent Corporation
802-RF448.0M-A OSCILENT-802-RF448.0M-A Datasheet
148Kb / 2P
   Wireless Communication
803-RF447.0M-A OSCILENT-803-RF447.0M-A Datasheet
144Kb / 2P
   Wireless Communication
803-RF899.0M-A OSCILENT-803-RF899.0M-A Datasheet
145Kb / 2P
   Wireless Communication
803-RF930.5M-B OSCILENT-803-RF930.5M-B Datasheet
144Kb / 2P
   Wireless Communication
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com