Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QDN004LF-U15 Datasheet(PDF) 2 Page - TT Electronics.

Part # QDN004LF-U15
Description  Unidirectional & bidirectional confi gurations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN004LF-U15 Datasheet(HTML) 2 Page - TT Electronics.

  QDN004LF-U15 Datasheet HTML 1Page - TT Electronics. QDN004LF-U15 Datasheet HTML 2Page - TT Electronics. QDN004LF-U15 Datasheet HTML 3Page - TT Electronics. QDN004LF-U15 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Capacitance
TVS Diode Array
QDN004LF Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Low Capacitance
TVS Diode Array
Schematic Data
Unidirectional Schematic
Bidirectional Schematic
Peak Pulse Power
(t
p = 8/20µs)
Operating
Temperature
Storage
Temperature
Forward Voltage
50mA
300µs - Square Wave
Solder Temperature
(10 seconds)
P
pp
T
J
T
STG
V
F
T
II
500W
-55°C to +150°C
-55°C to +150°C
1.5
260°C
Maximum Ratings
50
150
250
350
450
550
650
750
850
950 1050
Frequency (MHz)
40dB
20dB
0dB (ref)
-20dB
-40dB
Insertion Loss Characteristics
Return Loss Characteristics
40dB
20dB
0dB (ref)
-20dB
-40dB
50
150
250
350
450
550
650
750
850
950 1050
Frequency (MHz)
Loss Characteristic Data
0
5
10
15
20
25
30
t
f
e-t
Overshoot and Clamping Voltage
25kV 1/30ns waveform ESD Pulse Test
0
100
200
-200
-100
Time (µs)
40
30
20
10
0
Pulse Waveform
I @ t = 8µs
PP
f
½I @ t = 20µs
PP
d
Waveform Parameters
Time t (us)
100
80
60
40
20
0
ESD Pulse Data
QDN004LF Series Issue September 2010 Sheet 2 of 4
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - QDN004LF-U15

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
QDN001 TTELEC-QDN001 Datasheet
405Kb / 2P
   rohs compliant and sn/pb terminations available
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
   Reduces overshoot and undershoot for all data line types
QDN003 TTELEC-QDN003 Datasheet
445Kb / 2P
   RoHS compliant and Sn/Pb terminations available
QDN005 TTELEC-QDN005 Datasheet
286Kb / 3P
   Low operating and clamping voltages
QDN005LF-05 TTELEC-QDN005LF-05 Datasheet
286Kb / 3P
   Low operating and clamping voltages
More results

Similar Description - QDN004LF-U15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A1A-B28-B15L BOURNS-91A1A-B28-B15L Datasheet
315Kb / 5P
   Available in a variety of pin-out confi gurations
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
1N6267 MICROSEMI-1N6267_09 Datasheet
234Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
1.5KE18CA MICROSEMI-1.5KE18CA Datasheet
257Kb / 5P
   Unidirectional & Bidirectional Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com