Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA628 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA628
Description  Low Distortion Wideband OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA628 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA628 Datasheet HTML 1Page - Burr-Brown (TI) OPA628 Datasheet HTML 2Page - Burr-Brown (TI) OPA628 Datasheet HTML 3Page - Burr-Brown (TI) OPA628 Datasheet HTML 4Page - Burr-Brown (TI) OPA628 Datasheet HTML 5Page - Burr-Brown (TI) OPA628 Datasheet HTML 6Page - Burr-Brown (TI) OPA628 Datasheet HTML 7Page - Burr-Brown (TI) OPA628 Datasheet HTML 8Page - Burr-Brown (TI) OPA628 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
®
OPA628
OPA628
1
2
3
4
5
6
7
8
No Internal Connection
+V
CC, Output Stage
Inverting Input
Non-Inverting Input
–V
CC, Input Stage
Output
–V
CC, Output Stage
+V
CC, Input Stage
OPA628AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY
Rated Voltage
±V
CC
±5
VDC
Derated Performance
±V
CC
±4.5
±6
VDC
Current, Quiescent
IO = 0mADC
29
32
mA
Current, Quiescent
IO = 0mADC, TA = TMIN to TMAX
31
35
mA
TEMPERATURE RANGE
Specification: AU
TMIN and TMAX
–40
+85
°C
Storage:
AU
Ambient Temperature
–55
+125
°C
θ
JA
AU
Junction-to-Ambient
100
°C/W
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS (CONT)
ELECTRICAL
At VCC = ±5VDC, RL=100Ω, G = +2, and TA = +25°C, unless otherwise noted.
NOTES: (1) Full power response = slew rate/(2
πVpeak). (2) Time for output to resume linear operation after saturation.
PIN CONFIGURATION
Top View
8-Pin Plastic SOIC
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA628AU
SO-8 Surface Mount
182
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
ABSOLUTE MAXIMUM RATINGS
Supply ..............................................................................................
±7VDC
Internal Power Dissipation(1) ........................ See Applications Information
Differential Input Voltage ......................................................................... 5V
Input Voltage Range ..................................... See Applications Information
Storage Temperature Range: AP, AU ............................ –55
°C to +125°C
Lead Temperature (soldering, SOIC 3s) ........................................ +260
°C
Output Short Circuit to Ground (+25
°C) ................. Continuous to Ground
Junction Temperature (TJ ) ............................................................. +175°C
NOTE: (1) Packages must be derated based on specified
θ
JA. Maximum TJ
must be observed.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.


Similar Part No. - OPA628

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA628U BURR-BROWN-OPA628U Datasheet
59Kb / 4P
   EVALUATION FIXTURE
More results

Similar Description - OPA628

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA642 BURR-BROWN-OPA642 Datasheet
243Kb / 15P
   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Cadeka Microcircuits LL...
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Fairchild Semiconductor
KH560 FAIRCHILD-KH560 Datasheet
182Kb / 13P
   Wideband, Low Distortion Driver Amplifier
logo
Intersil Corporation
ISL55020 INTERSIL-ISL55020 Datasheet
580Kb / 11P
   Wideband, Low Distortion, Differential Amplifier
logo
Fairchild Semiconductor
KH561 FAIRCHILD-KH561 Datasheet
182Kb / 13P
   Wideband, Low Distortion Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com