Electronic Components Datasheet Search |
|
R76QF1680SE70J Datasheet(PDF) 5 Page - Kemet Corporation |
|
R76QF1680SE70J Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3034_R76 • 2/24/2016 5 Film Capacitors – Polypropylene Pulse/High Frequency Capacitors R76 Series Double Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade) Performance Characteristic Dielectric Polypropylenefilm Plates Doublesidedmetallizedpolyesterfilm Winding Non-inductive type Leads Tinned wire Protection Plasticcase,thermosettingresinfilled.BoxmaterialissolventresistantandflameretardantaccordingtoUL94. Related Documents IEC 60384-16 Sections 1 2 Voltage Range (VDC) 250 400 630 630 1000 1000 1600 2000 Voltage Range (VAC) 180 250 250 400 400 600 650 700 Capacitance Range (µF) 0.0068 – 12 0.0027 – 8.2 0.00068 – 0.012 0.00039 – 4.7 0.00022–0.0033 0.00047 – 2.2 0.0033 – 1.2 0.0001 – 0.68 Capacitance Values E12series(IEC60063)measured@1kHzand+20±1°C Capacitance Tolerance ±2.5%, ±5%, ±10% Operating Temperature Range −55°Cto+105°C Rated Temperature T R +85°CforV R (DC) +75°CforV R (AC) Voltage Derating The following decreasing factor has to be applied on the rated voltage: +85°Cto+105°C:1.25%per°CforV R (DC) +75°Cto+105°C:1.35%per°CforV R (AC) Climatic Category 55/105/56 IEC 60068-1 Storage Conditions Storagetime:≤24monthsfromthedatemarkedonthelabelpackage Averagerelativehumidityperyear≤70% RH≤85%for30daysrandomlydistributedthroughouttheyear Dew is absent Temperature:−40to80°C(see"MaximumHumidityinStorageConditions"graphbelow) |
Similar Part No. - R76QF1680SE70J |
|
Similar Description - R76QF1680SE70J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |