Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC80 Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # PAC80
Description  In-System Programmable Analog Circuit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PAC80 Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button PAC80 Datasheet HTML 2Page - Lattice Semiconductor PAC80 Datasheet HTML 3Page - Lattice Semiconductor PAC80 Datasheet HTML 4Page - Lattice Semiconductor PAC80 Datasheet HTML 5Page - Lattice Semiconductor PAC80 Datasheet HTML 6Page - Lattice Semiconductor PAC80 Datasheet HTML 7Page - Lattice Semiconductor PAC80 Datasheet HTML 8Page - Lattice Semiconductor PAC80 Datasheet HTML 9Page - Lattice Semiconductor PAC80 Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Specifications ispPAC80
6
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Dynamic Performance
tckmin
Minimum Clock Period
200
ns
tckh
TCK High Time
100
ns
tckl
TCK Low Time
100
ns
tcss
CS Setup Time
20
ns
tcsminhi
Minimum CS Pulse Widths
40
ns
tdis
TDI Setup Time
15
ns
tdih
TDI Hold Time
10
ns
tdozx
TDO Float to Valid Delay
60
ns
tdov
TDO Valid Delay
60
ns
tdoxz
TDO Valid to Float Delay
60
ns
Timing Specifications (SPI Interface Mode)
TA = 25°C; VS = +5.0V (Unless otherwise specified)
tckmin
tcsminhi
tckl
tckh
tcss
tdis tdih
tdozx
hi-z
hi-z
tdov
tdoxz
TCK
CS
TDI
TDO


Similar Part No. - PAC80

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PAC VISHAY-PAC Datasheet
123Kb / 8P
   Cemented Wirewound Precision Resistors
Revision: 06-Nov-14
logo
Protek Devices
PAC-130 PROTEC-PAC-130 Datasheet
96Kb / 4P
   AC POWER LINE TVS COMPONENT
PAC-130 PROTEC-PAC-130 Datasheet
66Kb / 4P
   AC POWERLINE TVS COMPONENT
PAC-240 PROTEC-PAC-240 Datasheet
96Kb / 4P
   AC POWER LINE TVS COMPONENT
PAC-240 PROTEC-PAC-240 Datasheet
66Kb / 4P
   AC POWERLINE TVS COMPONENT
More results

Similar Description - PAC80

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPPAC20 LATTICE-ISPPAC20 Datasheet
489Kb / 32P
   In-System Programmable Analog Circuit
ISPPAC30 LATTICE-ISPPAC30 Datasheet
379Kb / 30P
   In-System Programmable Analog Circuit
ISPPAC10 LATTICE-ISPPAC10 Datasheet
415Kb / 23P
   In-System Programmable Analog Circuit
ISPPAC81 LATTICE-ISPPAC81 Datasheet
176Kb / 20P
   In-System Programmable Analog Circuit
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
Summit Microelectronics...
SMD1108 SUMMIT-SMD1108 Datasheet
717Kb / 29P
   8-Channel Auto-Monitor ADC In System Programmable Analog (ISPA) Device
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
logo
ATMEL Corporation
ATTINY4 ATMEL-ATTINY4_14 Datasheet
1Mb / 34P
   Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com