Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R76QN1680SE80J Datasheet(PDF) 2 Page - Kemet Corporation

Part # R76QN1680SE80J
Description  Polypropylene Pulse/High Frequency Capacitors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76QN1680SE80J Datasheet(HTML) 2 Page - Kemet Corporation

  R76QN1680SE80J Datasheet HTML 1Page - Kemet Corporation R76QN1680SE80J Datasheet HTML 2Page - Kemet Corporation R76QN1680SE80J Datasheet HTML 3Page - Kemet Corporation R76QN1680SE80J Datasheet HTML 4Page - Kemet Corporation R76QN1680SE80J Datasheet HTML 5Page - Kemet Corporation R76QN1680SE80J Datasheet HTML 6Page - Kemet Corporation R76QN1680SE80J Datasheet HTML 7Page - Kemet Corporation R76QN1680SE80J Datasheet HTML 8Page - Kemet Corporation R76QN1680SE80J Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3034_R76 • 2/24/2016
2
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R76 Series Double Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Ordering Options Table
Lead Spacing
Nominal (mm)
Type of Leads and Packaging
Lead Length
(mm)
Lead and
Packaging
Code
7.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
SE
Ammo Pack
H
0= 18.5+/-0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag)–Short Leads
2.7+0.5/-0
JA
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
10+/-1
JC
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
18+1/-1
JM
Bulk (Bag)–Long Leads
17+1/-2
Z3
10
15
22.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
SE
Ammo Pack
H
0= 18.5+/-0.5
DQ
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
GY
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag)–Short Leads
2.7+0.5/-0
JA
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
10+/-1
JC
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
18+1/-1
JM
Bulk (Bag)–Long Leads
30+5/-0
40
Bulk (Bag)–Long Leads
25+2/-1
50
27.5
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
4+2/-0
SE
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
CK
Bulk (Bag)–Short Leads
3.5+0.5/-0
JB
Bulk (Bag)–Short Leads
4.0+0.5/-0
JE
Bulk (Bag)–Short Leads
3.2+0.3/-0.2
JH
Bulk (Bag)–Long Leads
30+5/-0
40
Bulk (Bag) – Long Leads
25+2/-1
50


Similar Part No. - R76QN1680SE80J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76QN2270XX0XX KEMET-R76QN2270XX0XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
R76QN2330XX3XX KEMET-R76QN2330XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
R76QN2390XX3XX KEMET-R76QN2390XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
R76QN24704030J KEMET-R76QN24704030J Datasheet
56Kb / 1P
   Capacitor, film, 0.047 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=22.5 mm
R76QN247050H3J KEMET-R76QN247050H3J Datasheet
57Kb / 1P
   R76_125C, Film, Double Metallized Polypropylene, General Purpose, 0.047 uF, 5%, 1000 VDC, 105째C, Lead Spacing = 22.5mm
More results

Similar Description - R76QN1680SE80J

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
943C CDE-943C Datasheet
283Kb / 5P
   Polypropylene Capacitors, for High Pulse, Snubber
941C CDE-941C Datasheet
353Kb / 5P
   Polypropylene Capacitors, for Pulse, Snubber
logo
List of Unclassifed Man...
WPP1D1K-F ETC2-WPP1D1K-F Datasheet
156Kb / 2P
   Axial Leaded High Frequency Pulse Capacitors
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE Datasheet
399Kb / 4P
   Small Size Polypropylene Film Capacitors for High Pulse Current Applications
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
logo
Cornell Dubilier Electr...
932 CDE-932 Datasheet
254Kb / 2P
   Polypropylene Film Capacitors High Voltage/High Frequency Switching Power Supplies
DPP1S33K-F CDE-DPP1S33K-F Datasheet
107Kb / 2P
   Polypropylene Radial Leaded Film Capacitors High Frequency Precise Values
logo
Vishay Siliconix
730P224X9100 VISHAY-730P224X9100 Datasheet
81Kb / 4P
   Film Capacitors High Frequency, Wrap-and-Fill, Metallized Polypropylene
Revision: 07-Feb-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com