Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDD-38-40002 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CDD-38-40002
Description  CMOS IC Time Delay Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CDD-38-40002 Datasheet(HTML) 1 Page - Tyco Electronics

  CDD-38-40002 Datasheet HTML 1Page - Tyco Electronics CDD-38-40002 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1222
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
CD series
CMOS IC Time Delay Relay
1% Repeatability
Operates from -40
°C to +55°C
Delay on operate or delay on release timing modes
Fixed, knob or resistor adjustable types
– Calibrated dial on knob adjustable types
10A output relay with SPDT or DPDT contacts
Various models time from 0.1 to 180 sec.
File E22575
File LR15734
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Material: Silver-cadmium oxide alloy.
Rating: 10A @ 30VDC or 277VAC, resistive; 1/2 HP @ 250VAC; 1/3 HP @
120VAC.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations, min., at rated load.
Input Data @ 25
°C
Voltage: 24 & 120VAC and 12 through 110VDC.
Power Requirement: AC Types: Typically less than 3 VA.
DC Types: Typically less than 3 W.
Transient Protection: Yes.
Reverse Voltage Protection: Yes.
Initial Dielectric Strength
Between Open Contacts: 500V rms, 60 Hz.
Between All Other Conductors: 500V rms, 60 Hz.
Environmental Data
Temperature Range: Storage: -55
°C to +85°C.
Operating: -40
°C to +55°C.
Mechanical Data
Termination: 8- or 11-pin octal style plug.
Enclosure: Yellow plastic case. Knob adjustable types have dial scale
calibrated in seconds
±5%.
Sockets: Models with 8-pin base fit either 27E122 or 27E891 (snap-on)
screw terminal sockets. 11-pin types fit either 27E123 or
27E892 (snap-on) screw terminal sockets.
Weight: 8 oz. (227g) approximately.
Timing Modes
Delay on operate – Delay period begins when input voltage is applied. At
the end of the delay period, the relay will operate and will not release until
input voltage is removed. Reset occurs when input voltage is reapplied.
Delay on release – Input voltage must be applied continuously to operate
the internal relay. When control Input is applied, the relay energizes.
When control input is removed, timing begins. When timing is complete,
the relay will de-energize. Time may be reset to zero during timing by
reapplying control input.
Timing Specifications
Timing Ranges: From 0.1 to 180 sec.
Timing Adjustment: Fixed, external resistor and knob adjustable.
Tolerance (for AC units add
±1/2 cycle 60 Hz.):
Knob Adj. Types:
±5% of max. specified at high end of timing range; min.
specified, or less, at low end;
±10% full scale.
Fixed Types:
±5%.
Res. Adj. Types:
±5% at high end of timing range; min. specified, or less,
at low end.
Delta Time (for AC units add
±1 cycle 60 Hz.): ±5%.
Repeatability (for AC units add
±1 cycle 60 Hz.): ±1%.
Release Time: 45 ms, typ.; 60 ms, max.
Recycle Time: 45 ms, typ.; 60 ms, max.
TIME
INPUT
VOLTAGE
ON
OFF
N.O. RELAY
CONTACTS
ON
OFF
N.O. RELAY
CONTACTS
ON
OFF
CONTROL
INPUT
ON
OFF
TIME
Input Voltages & Limits @ 25
°C
Voltage
Nominal
Minimum
Maximum
Type
Voltage
Voltage
Voltage
AC
24
20
28
120
105
130
12
11
13
DC
24
20
32
48
41
55
110
95
125
Note: DC voltage must be filtered (5% p-p ripple max. at nom. voltage).
AC models will operate on 50 or 60 Hz.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - CDD-38-40002

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CDD10810 POWEREX-CDD10810 Datasheet
71Kb / 4P
   Dual Diode POW-R-BLOK??Modules 100 Amperes/800 Volts
CDD11210 POWEREX-CDD11210 Datasheet
72Kb / 4P
   Dual Diode POW-R-BLOK??Modules 100 Amperes/1200-1600 Volts
CDD11610 POWEREX-CDD11610 Datasheet
72Kb / 4P
   Dual Diode POW-R-BLOK??Modules 100 Amperes/1200-1600 Volts
logo
List of Unclassifed Man...
CDD120 ETC-CDD120 Datasheet
319Kb / 4P
   Diode-Diode Modules
CDD120N08 ETC-CDD120N08 Datasheet
319Kb / 4P
   Diode-Diode Modules
More results

Similar Description - CDD-38-40002

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-4 MACOM-2-1393136-4 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-5 MACOM-2-1393136-5 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-1 MACOM-2-1393136-1 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
2-1393136-9 MACOM-2-1393136-9 Datasheet
50Kb / 2P
   CMOS IC Time Delay Relay
CKB-38-30010 MACOM-CKB-38-30010 Datasheet
48Kb / 2P
   Mid-Priced CMOS IC Time Delay Relay
CGB-38-70010M MACOM-CGB-38-70010M Datasheet
46Kb / 2P
   CG series CMOS IC Time Delay Relay
CB-1041B-30 MACOM-CB-1041B-30 Datasheet
50Kb / 2P
   CB series CMOS IC Time Delay Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com