Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP20F Datasheet(PDF) 2 Page - TT Electronics.

Part # SP20F
Description  F version has flame resistant coating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SP20F Datasheet(HTML) 2 Page - TT Electronics.

  SP20F Datasheet HTML 1Page - TT Electronics. SP20F Datasheet HTML 2Page - TT Electronics. SP20F Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
General-Purpose Failsafe
Moulded Wirewound Resistors
SP20/SP20F Series
Performance Data
Test
F
0
2
P
S
0
2
P
S
*
0
0
8
±
R
1
<
0
0
8
±
R
1
<
C
°
/
m
p
p
)
m
p
p
(
t
n
e
i
c
if
f
e
o
c
e
r
u
t
a
r
e
p
m
e
T
≥1R ±150
≥1R ±150
V
0
0
7
S
M
R
e
g
a
tl
o
v
g
n
i
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
5
%
d
a
o
lr
e
v
o
y
r
a
t
n
e
m
o
M
5
%
n
o
it
a
r
e
p
o
e
r
u
t
a
r
e
p
m
e
t
w
o
L
5
%
e
l
c
y
c
e
r
u
t
a
r
e
p
m
e
T
5
%
y
ti
d
i
m
u
H
5
%
e
fi
l
d
a
o
L
5
%
h
t
g
n
e
r
t
s
l
a
n
i
m
r
e
T
5
%
t
a
e
h
r
e
d
l
o
s
o
t
e
c
n
a
t
s
i
s
e
R
General-Purpose Failsafe
Moulded Wirewound Resistors
SP20/SP20F Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
96
Issue B · 03.02
Welwyn Components
Ambient Temperature (°C)
2.5
2.0
1.5
1.0
0.5
0
0
50
100
150
200
Ambient Temperature (°C)
SP20 Power Derating
SP20F Power Derating
Time (seconds)
0.1 ohm
1 ohm
10 ohm
100 ohm
1000 ohm
Power Input (watts)
SP20F Typical Fusing
SP20 and SP20F Temperature Rise
*0.1 ohm SP20F <1000 ppm.
Ordering Procedure
Example: SP20F at 470 ohms and 5% tolerance tape packed on a reel of 4000 pieces –
SP20F – 470R J I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
J
5%
K
10%
Packing
I
Tape
4000/reel
Standard
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Sample Part No.
IRC Type
Resistance Range
Recognition
(First three significant figures plus fourth digit multiplier)
UL = UL1412 recognised (optional characters)
Example: 2203 = 220 Kohm
51R0 = 51 ohm
2R00 = 2.0 ohm
Tolerance
F = ±1.0%, G = ±2.0%, J = ±5.0%
RoHS Compliant (optional)
Provides clear "Lead Free" Designation
Specification
Custom design identifier for non-standard products
Ordering Data
SP20F
SP-20 Power Derating Curve
2.0
2.5
1.5
1.0
0.5
0
Ambient Temperature (°C)
0
50
100
150
200
SP-20F Power Derating Curve
2.0
2.5
1.5
1.0
0.5
0
Ambient Temperature (°C)
0
50
100
150
200
SP-20 and SP20F
Temperature Rise Chart
100
120
80
60
40
20
Power Input (watts)
0
0.5
1.0
1.5
2.0
0
1800
J
LF
XXX
SP20 / SP20F Series
General Purpose Failsafe
Molded Wirewound Resistor
SP20/SP20F Series Issue September 2010 Sheet 3 of 3
0.1
1
10
100
1000
10
15
20
25
30
35
40
45
50
55
60
Initial Power (W)
SP20F Fusing Characteristic
(Maximum & Typical Fusing Times)
Typical
- 1R0
Maximum - all values
Typical
- 470R
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Part No. - SP20F

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SP20F WELWYN-SP20F Datasheet
130Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
More results

Similar Description - SP20F

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-270 OHMITE-RES-270 Datasheet
385Kb / 2P
   Flame resistant coating
logo
3M Electronics
SJ3518FR 3M-SJ3518FR Datasheet
224Kb / 10P
   3M??Fastener SJ3518FR Loop Flame Resistant
SJ3519FR 3M-SJ3519FR Datasheet
224Kb / 10P
   3M??Fastener SJ3519FR Hook Flame Resistant
logo
Panasonic Semiconductor
ECKNTS102ME PANASONIC-ECKNTS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
logo
List of Unclassifed Man...
BCN164A102J7 ETC2-BCN164A102J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
logo
Panasonic Semiconductor
ECQ-E6394JF PANASONIC-ECQ-E6394JF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
ECQ-E4564KF PANASONIC-ECQ-E4564KF Datasheet
352Kb / 19P
   Non-inductive construction using metallized Polyester film with flame retardant epoxy resin coating
logo
Hamamatsu Corporation
R244 HAMAMATSU-R244 Datasheet
471Kb / 4P
   FLAME SENSOR
logo
Vishay Siliconix
3145RTV VISHAY-3145RTV Datasheet
170Kb / 2P
   Protective Coating
Revision: 25-May-05
3140RTV VISHAY-3140RTV Datasheet
114Kb / 1P
   Protective Coating
Revision 10-Jan-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com