Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSL-38-60010 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CSL-38-60010
Description  Solid State Hybrid Voltage Sensor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CSL-38-60010 Datasheet(HTML) 1 Page - Tyco Electronics

  CSL-38-60010 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1302
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
CS series
Solid State Hybrid Voltage Sensor
• Close differential
• Choice of two types
– Fixed pick-up and knob adjustable drop-out
– Knob adjustable pick-up and drop-out
• Internal 2 Form C (DPDT) output relay
File E22575
File LR15734
Wiring Diagrams – Bottom Views
(pins numbered clockwise from keyway)
Note 1 – As voltage increases, the
relay will pick-up at its selected
point and remain energized while
voltage is maintained at that level or
higher.
Note 2 – As voltage decreases, af-
ter pick-up, the relay will drop-out at
its selected point.
Note 3 – Minimum hysterisis, the
voltage differential between pick-up
and drop-out, is typically 2% of
pick-up.
Fixed Pick-up and
Adjustable Pick-up
Adjustable Drop-out
and Drop-out
AC
INPUT
DC
INPUT
-
+
Sensing Modes
The CS can be used as an over or undervoltage sensor, depending upon
whether the load is connected to the normally closed (NC) or normally open
(NO) contacts of the sensor’s output relay.
Overvoltage sensor – The NC contacts are used. The relay remains de-
energized until an overvoltage is sensed.
Undervoltage sensor – The NO contacts are used. The relay remains en-
ergized until the voltage decreases to the preset level, where the sensor
de-energizes the relay.
Adjustable Voltage Sensor Operation
HYSTERISIS
2 VOLTS
RELAY
ENERGIZED
RELAY
DE-ENERGIZED
NOTE 1
NOTE 2
Outline Dimensions
Ordering Information –
Distributors are more likely to stock boldface items.
Fixed Pick-Up and Adjustable Drop-Out
Part Number
Pick-Up
Drop-Out Range
Maximum
(Volts)
(Volts)
Voltage
CSJ-38-71010
105
90-103
140VAC (50/60 Hz.)
CSL-38-31010
22
16-21
32VDC
Adjustable Pick-Up and Adjustable Drop-Out
Part Number
Pick-Up Range
Drop-Out Range*
Maximum
(Volts)
(Volts)
Voltage
CSJ-38-70010
92-140
90-138
150VAC (50/60 Hz.)
CSL-38-30010
20-30
18-28
32VDC
CSL-38-40010
40-58
38-56
60VDC
CSL-38-60010
92-140
90-138
150VDC
* Actual maximum drop-out voltage is the selected pick-up voltage less the hysterisis
voltage.
Engineering Data
Power Requirement: Typically less than 3VA or 3W.
Duty Cycle: Continuous.
Repeatability:
±1%, max.
Response Time: 10-25 ms, typ.
Internal Relay Contact Arrangement: 2 Form C (DPDT).
Internal Relay Contact Rating: 10A @ 28VDC , res., or 120VAC, 80% p.f.
Reverse Polarity Protection: On DC types.
Temperature Range: -10
°C to +55°C.
Temperature Coefficient: 0.2%/
°C, max.
Enclosure: Plastic dust cover.
Mounting: 8-pin octal style plug. Fits either 27E122 or 27E891 (snap-on)
screw terminal sockets.
Weight: 8 oz. (227g) approximately.
.600 MAX.
(15.24)
2.937 MAX.
(76.60)
.560
(14.22)
1.781 MAX.
(42.24)
.875
(22.23)
1.187
(30.15)
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - CSL-38-60010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSL-372 ETC1-CSL-372 Datasheet
369Kb / 6P
   SPECIFICATION OF PYROELECTRIC PASSIVE INFRARED SENSOR
More results

Similar Description - CSL-38-60010

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
3RHP CRYDOM-3RHP Datasheet
431Kb / 2P
   Hybrid Solid State Contactors
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
2SS52M HONEYWELL-2SS52M Datasheet
315Kb / 2P
   SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS41L HONEYWELL-ACC-SS41L Datasheet
395Kb / 4P
   SOLID STATE SENSOR
logo
List of Unclassifed Man...
SS443A-L ETC-SS443A-L Datasheet
590Kb / 4P
   SOLID STATE SENSOR
logo
Honeywell Solid State E...
SS50AT HONEYWELL-SS50AT Datasheet
287Kb / 3P
   SOLID STATE SENSOR
logo
Honeywell Accelerometer...
SS361RT HONEYWELL-ACC-SS361RT Datasheet
993Kb / 3P
   SOLID STATE SENSOR, IC
logo
Fujitsu Component Limit...
MBF110 FUJITSU-MBF110 Datasheet
240Kb / 24P
   Solid-State Fingerprint Sensor
logo
Amphenol Corporation
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com