Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

204-15UTC-S400-X9 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 204-15UTC-S400-X9
Description  3 mm Round LED (T-1)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

204-15UTC-S400-X9 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  204-15UTC-S400-X9_13 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 204-15UTC-S400-X9_13 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 204-15UTC-S400-X9_13 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 204-15UTC-S400-X9_13 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 204-15UTC-S400-X9_13 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 204-15UTC-S400-X9_13 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 204-15UTC-S400-X9_13 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 204-15UTC-S400-X9_13 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Technical Data Sheet
3 mm Round LED (T-1)
204-15UTC/S400-X9
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev 1
Page: 5 of 7
Device Number: DLE-020-361
Established date: 07-25-2005
Established by : Amy Ma
0
20406080
100
0
5
10
15
20
25
30
Ambient Temperature Ta(
OC)
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Chromaticity Coordinate vs. Forward Current
Relative Intensity vs. Angle Displacement
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength(nm)
0
102030
40
50
0.260
0.270
0.280
0.290
0.300
Forward Current(mA)
x
y
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
Forward Voltage(V)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
Forward Current(mA)
0
10
20
30
40
50
60
70
80
90
O
O
O
O
O
O
O
O
O
O
0
1.0
1.0
0.5
30
O
60
O
90
O
0
0.5
Radiation Angle


Similar Part No. - 204-15UTC-S400-X9_13

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
More results

Similar Description - 204-15UTC-S400-X9_13

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
204-15-T2C3-1LQA EVERLIGHT-204-15-T2C3-1LQA Datasheet
105Kb / 10P
   3 mm Round White LED (T-1)
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA Datasheet
101Kb / 9P
   3 mm Round White LED (T-1)
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED (T-1 3/4 )
logo
IDEA.lnc.
JRC2381 IDEA-JRC2381 Datasheet
37Kb / 1P
   T-1, 3 mm Round
IID2351 IDEA-IID2351 Datasheet
35Kb / 2P
   T-1, 3 mm Round
IUBC2381 IDEA-IUBC2381 Datasheet
37Kb / 2P
   T-1, 3 mm Round
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com