Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQM5 Datasheet(PDF) 1 Page - TT Electronics.

Part # SQM5
Description  resistance or1 to 200k
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SQM5 Datasheet(HTML) 1 Page - TT Electronics.

  SQM5 Datasheet HTML 1Page - TT Electronics. SQM5 Datasheet HTML 2Page - TT Electronics. SQM5 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Radial Ceramic Case Resistors
Wirewound / Metal Oxide
SQM / CVF / CVW Series
2to10watts
Resistance0R1to200K
Highoverloadcapability
Flameproofcase
SmallPCBfootprint
RoHScompliant
A subsidiary of
TT electronics plc
05 . 08
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Radial Ceramic Case Resistors
Wirewound / Metal Oxide
2 to 10 watts
Resistance 0R1 to 200K
High overload capability
Flameproof case
Small PCB footprint
RoHS compliant
SQM Series
Electrical Data
SQM2 / CV-2
/ CV-2
SQM3 / CV-3 SQM5 / CV-5
SQM7 / CV-7 SQM10 / CV-10
Power rating at 70°C
watts
2
3
5
7
10
0R1 - 27R
0R1 - 39R
0R1 - 47R
0R1 - 680R
0R1 - 910R
30R – 33K
43R – 56K
51R – 100K
750R - 200K
1K0 - 200K
Limiting element voltage
volts dc or ac rms
150
300
350
500
750
Thermal impedance
°C/watt
50
45
30
28
23
Isolation voltage
volts
1000
TCR
ppm/°C
<20R: ± 400, ≥20R: ± 350
Resistance Tolerance
%
± 5 ± 10
Standard Values
E24
Ambient temperature range
°C
-55 to +155ºC
Physical Data (all dimensions in mm, weights in g)
Type
L
± 1.0
W
± 1.0
D
± 1.0
P
± 1.0
d
±0.05
Weight
Nom.
SQM2/ CV-2
20
11.5
7.5
5
0.7
4.3
SQM3
25
12.5
8.5
5
0.7
5.6
SQM5
25
12.5
9
5
0.8
6.3
SQM7
38
12.5
9
5
0.8
10.7
SQM10
50
12.5
9
5
0.8
13.4
Construction
A high purity ceramic rod, with force fit end caps onto which is wound a wire element: or a deposited metal oxide film
(depending on value). The element is fitted into a ceramic case with fireproof insulation cement.
B
E
F
± 1.0
4.5
3.0
3.0
4.5
4.0
4.0
5.0
3.5
3.5
5.0
2.75
5.0
4.25 2.75
5.0
± 1.0 ± 1.0
5±1
D
L
P
d
B
E
F
W
Marked side
/ CV-3
/ CV-5
/ CV-7
/ CV-10
Resistance range – wirewound (CVW)
ohms
ohms
Resistance range – oxide (CVF)
A subsidiary of
TT electronics plc
05 . 08
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Radial Ceramic Case Resistors
Wirewound / Metal Oxide
2 to 10 watts
Resistance 0R1 to 200K
High overload capability
Flameproof case
Small PCB footprint
RoHS compliant
SQM Series
Electrical Data
SQM2 / CV-2
/ CV-2
SQM3 / CV-3 SQM5 / CV-5
SQM7 / CV-7 SQM10 / CV-10
Power rating at 70°C
watts
2
3
5
7
10
0R1 - 27R
0R1 - 39R
0R1 - 47R
0R1 - 680R
0R1 - 910R
30R – 33K
43R – 56K
51R – 100K
750R - 200K
1K0 - 200K
Limiting element voltage
volts dc or ac rms
150
300
350
500
750
Thermal impedance
°C/watt
50
45
30
28
23
Isolation voltage
volts
1000
TCR
ppm/°C
<20R: ± 400, ≥20R: ± 350
Resistance Tolerance
%
± 5 ± 10
Standard Values
E24
Ambient temperature range
°C
-55 to +155ºC
Physical Data (all dimensions in mm, weights in g)
Type
L
± 1.0
W
± 1.0
D
± 1.0
P
± 1.0
d
±0.05
Weight
Nom.
SQM2/ CV-2
20
11.5
7.5
5
0.7
4.3
SQM3
25
12.5
8.5
5
0.7
5.6
SQM5
25
12.5
9
5
0.8
6.3
SQM7
38
12.5
9
5
0.8
10.7
SQM10
50
12.5
9
5
0.8
13.4
Construction
A high purity ceramic rod, with force fit end caps onto which is wound a wire element: or a deposited metal oxide film
(depending on value). The element is fitted into a ceramic case with fireproof insulation cement.
B
E
F
± 1.0
4.5
3.0
3.0
4.5
4.0
4.0
5.0
3.5
3.5
5.0
2.75
5.0
4.25 2.75
5.0
± 1.0 ± 1.0
5±1
D
L
P
d
B
E
F
W
Marked side
/ CV-3
/ CV-5
/ CV-7
/ CV-10
Resistance range – wirewound (CVW)
ohms
ohms
Resistance range – oxide (CVF)
Make Possible
Resistors
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - SQM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SQM5 ETC2-SQM5 Datasheet
999Kb / 2P
   Radial Ceramic Case Resistors Wirewound / Metal Oxide
SQM5-1K5JI ETC2-SQM5-1K5JI Datasheet
999Kb / 2P
   Radial Ceramic Case Resistors Wirewound / Metal Oxide
logo
Vishay Siliconix
SQM50020EL VISHAY-SQM50020EL Datasheet
220Kb / 10P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM50020EL VISHAY-SQM50020EL Datasheet
215Kb / 9P
   Automotive N-Channel 80 V (D-S) 175 °C MOSFET
Rev. A, 14-Dec-15
SQM50020EL VISHAY-SQM50020EL Datasheet
223Kb / 10P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
Rev. A, 18-Apr-16
More results

Similar Description - SQM5

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PPW TTELEC-PPW Datasheet
280Kb / 2P
   resistance to or1 ohms to 5k ohms
logo
KOA Speer Electronics, ...
HPC2C471K KOA-HPC2C471K Datasheet
230Kb / 2P
   RESISTANCE TO POWER SURGE
logo
TT Electronics.
LHVC TTELEC-LHVC Datasheet
284Kb / 2P
   Resistance 50K to 10M
logo
List of Unclassifed Man...
BT136-600-127 ETC2-BT136-600-127 Datasheet
44Kb / 6P
   Thermal resistance junction to mounting base Thermal resistance junction to ambient
logo
Maxim Integrated Produc...
DS24B33 MAXIM-DS24B33 Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
logo
International Rectifier
IRFH8316PBF IRF-IRFH8316PBF Datasheet
262Kb / 9P
   Low Thermal Resistance to PCB
logo
Infineon Technologies A...
IRFHM9331 INFINEON-IRFHM9331 Datasheet
236Kb / 8P
   Low Thermal Resistance to PCB
2013-12-16
logo
MORE Semiconductor Comp...
MSN6007F MORESEMI-MSN6007F Datasheet
581Kb / 4P
   Thermal Resistance,Junction-to-Case
logo
Bourns Electronic Solut...
CM453232-R10ML BOURNS-CM453232-R10ML Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM252016-100KL BOURNS-CM252016-100KL Datasheet
372Kb / 9P
   High resistance to heat and humidity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com