Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-FILTER Datasheet(PDF) 2 Page - TT Electronics.

Part # T-FILTER
Description  High frequency design available
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

T-FILTER Datasheet(HTML) 2 Page - TT Electronics.

  T-FILTER Datasheet HTML 1Page - TT Electronics. T-FILTER Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TaNCap® T-Filter
Network
T-Filter Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNCap® T-Filter
Network
Physical Data
Model
Body Type
# Pins
Reference IRC Datasheet
QS20x
QSOP
20
Surface Mount QSOP Termination Networks
QS24x
QSOP
24
SL20x
SOIC-W
20
Surface Mount SOIC Termination Networks
SL24x
SOIC-W
24
TS20x
TSSOP
20
Surface Mount TSSOP Termination Networks
TS24x
TSSOP
24
T-Filter Series Issue January 2009 Sheet 2 of 2
Sample Part Number
GUS - QS20T - 330 - K - 470 - M
Family
Model
QS20T, QS20TLF = 20 pin QSOP T Filter
QS24M, QS24MLF = 24 pin QSOP High Frequency T Filter
SL20T, SL20TLF = 20 pin 0.300” SOIC T Filter
SL24M, SL24MLF = 24 pin 0.300” High Frequency T Filter
TS20T, TS20TLF = 20 pin TSSOP T Filter
TS24T, TS24TLF = 24 pin TSSOP High Frequency T Filter
Note: LF suffix indicates 100% matte tin, Pb-free termination
Resistor Code
3-digit resistance code
Example: 330 = 33
Ω, 101 = 100Ω
Resistor Tolerance
K = ±10%, M = ±20%
Capacitor Code
3-digit capacitance code
Example: 470 = 47pF, 101 = 100pF
Capacitor Tolerance
K = ±10%, M = ±20%
Packaging Available
Tubes, Tape & Reel
Ordering Data
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Make Possible
02.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com


Similar Description - T-FILTER

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
NANO-AP400 FSP-NANO-AP400 Datasheet
61Kb / 1P
   High frequency design
NANO-AP600 FSP-NANO-AP600 Datasheet
61Kb / 1P
   High frequency design
NANO-AP800 FSP-NANO-AP800 Datasheet
61Kb / 1P
   High frequency design
logo
TT Electronics.
PHVP TTELEC-PHVP Datasheet
485Kb / 2P
   Custom design service available
4500 TTELEC-4500 Datasheet
432Kb / 3P
   customs design service available
logo
ETA-USA
WMM-SX-A ETA-USA-WMM-SX-A Datasheet
1,001Kb / 3P
   12W High frequency design, less power consumption
logo
Sumida Corporation
CEP710B SUMIDA-CEP710B_10 Datasheet
322Kb / 3P
   xDSL line transformer Custom design is available
logo
Microchip Technology
AN232 MICROCHIP-AN232 Datasheet
240Kb / 12P
   Low Frequency Magnetic Transmitter Design
2002
logo
PUI audio inc.
AS02204MR-N50-R PUIAUDIO-AS02204MR-N50-R Datasheet
570Kb / 5P
   Unique design for flat frequency response
logo
Mercury United Electron...
M49 MERCURY-M49_15 Datasheet
105Kb / 1P
   High frequency fundamental mode is available in BT-cut
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com