Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T44TU Datasheet(PDF) 1 Page - TT Electronics.

Part # T44TU
Description  Termination variants
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

T44TU Datasheet(HTML) 1 Page - TT Electronics.

  T44TU Datasheet HTML 1Page - TT Electronics. T44TU Datasheet HTML 2Page - TT Electronics. T44TU Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High Voltage Precision
Thick Film Resistors
T Series
Working voltage up to 100kV
Resistances up to 50G
TCR down to 25ppm
Terminationvariants
Setsofresistorswithmatchedcharacteristics
High Voltage Precision
Thick Film Resistors
T Series
Working voltage up to 100kV
Resistances up to 50G
TCR down to 25ppm
Termination variants
Sets of resistors with matched characteristics
T43
T44
T48
Notes
Power rating at 20°C
* Contact factory for 25 or 50ppm/°C
watts
1.5
3.5
10
Resistance range
ohms
10K to 10G
10K to 50G
33K to 50G
Limiting element voltage
volts
4K
14K
50K
In air
8K
28K
100K
In oil
TCR
ppm/°C
100 *
Values > 1G: TCR is 250ppm/°C
Resistance tolerance
%
1, 2, 5
Closer tolerances over restricted range
Values
E24 preferred values
Any value to special order
Thermal impedance
°C/watt
31
27
13
Ambient temperature range
°C
-55 to 150
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
07.11
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm) & Weight (g)
PCB
Min
mounting
Bend
Type
L max
D max
f min
d nom
centres
Radius
Wt. nom
T43D
25.4
8.4
32.0
0.8
31.8
1.2
3.1
T44D
50.8
8.4
32.0
0.8
57.2
1.2
5.6
T48D
150.0
8.4
32.0
0.8
156.4
1.2
18.5
T43KU
9
.
3
8
.
0
0
.
2
3
5
.
8
2
.
0
3
T44KU
4
.
7
8
.
0
0
.
2
3
5
.
8
2
.
3
5
T48KU
3
.
9
1
8
.
0
0
.
2
3
5
.
8
2
.
2
5
1
T43TU
8
.
5
5
.
8
6
.
2
3
T44TU
2
.
8
5
.
8
6
.
5
5
T48TU
2
.
0
2
5
.
8
8
.
4
5
1
Physical Data
L
D
f
d
L
L
T44D
T44TU
T44KU
Make Possible
Resistors
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - T44TU

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
T44TU WELWYN-T44TU Datasheet
164Kb / 2P
   High Voltage Precision Thick Film Resistors
More results

Similar Description - T44TU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9262QX INFINEON-TLE9262QX Datasheet
6Mb / 163P
   Dedicated Data Sheets are available for the different product variants
TLE9263QXV33 INFINEON-TLE9263QXV33 Datasheet
6Mb / 165P
   Dedicated Data Sheets are available for the different product variants
TLE9262-3QX INFINEON-TLE9262-3QX Datasheet
7Mb / 197P
   Dedicated Data Sheets are available for the different product variants
TLE9262QXV33 INFINEON-TLE9262QXV33 Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9260QX INFINEON-TLE9260QX Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
TLE9263QX INFINEON-TLE9263QX Datasheet
6Mb / 164P
   Dedicated Data Sheets are available for the different product variants
TLE9260-3QX INFINEON-TLE9260-3QX Datasheet
6Mb / 175P
   Dedicated Data Sheets are available for the different product variants
TLE9260QXV33 INFINEON-TLE9260QXV33 Datasheet
5Mb / 141P
   Dedicated Data Sheets are available for the different product variants
TLE9261QXV33 INFINEON-TLE9261QXV33 Datasheet
6Mb / 153P
   Dedicated Data Sheets are available for the different product variants
TLE9261-3QX INFINEON-TLE9261-3QX Datasheet
7Mb / 186P
   Dedicated Data Sheets are available for the different product variants
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com