Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W54-XB1A4A10-20 Datasheet(PDF) 3 Page - Tyco Electronics

Part # W54-XB1A4A10-20
Description  Push To Reset Only P&B Thermal Circuit Breaker
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W54-XB1A4A10-20 Datasheet(HTML) 3 Page - Tyco Electronics

  W54-XB1A4A10-20 Datasheet HTML 1Page - Tyco Electronics W54-XB1A4A10-20 Datasheet HTML 2Page - Tyco Electronics W54-XB1A4A10-20 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Catalog 1308242
Issued 3-03 (PDF Revised 3-09)
.854 DIA.
(21.7)
.945 DIA.
(24.0)
.016 (.4) THICK
.016 (.4) THICK
Nameplates
Embossed
Aluminum
Imprinted Aluminum
(Either Silver on Black
or Black on Silver)
Mounting Hardware Dimensions
Mounting Hardware Ordering Information
Dimension
Bushing
Plastic
Integrated Plastic
Metal
Metal
Lockwasher
Code
Diameter
Knurled Nut
Knurled Nut w/Holes
Knurled Nut
Hex Nut
3/8”
.74 (18.8)
.56 (14.2)
.55 (14.0)
.49 (12.5)
A
M11
.74 (18.8)
.74 (18.8)
.59 (15.0)
.55 (14.0)
.587 (14.9)
M12
.59 (15.0)
.55 (14.0)
.626 (15.9)
3/8”
.126 (3.2)
.079 (2.0)
.079 (2.0)
.02 (.5)
B
M11
.126 (3.2)
.13 (3.3)
.102 (2.6)
.118 (3.0)
.02 (.5)
M12
.102 (2.6)
.079 (2.0)
.02 (.5)
Mounting Bushing
Mounting Bushing
Plastic
Integrated Plastic
Metal
Metal
Lockwasher
Material
Code
Knurled Nut
Knurled Nut w/Holes
Knurled Nut
Hex Nut
1 (M11)
1423696-4
1423696-6
1-1423696-2
Metal
2 (3/8”)
1-1423696-0
1423696-3
1-1423696-1
3 (M11)
1423696-4
1423696-6
1-1423696-2
4 (M12)
1423696-5
1423696-7
1-1423696-3
Plastic
6 (M11)
1423696-8
2-1423696-2
8 (3/8”)
1423696-2
A
B
A
B
Mounting Bushings and Recommended Panel Cutouts
Knurled Nut
Hex Nut
2 X .059 DIA.
(1.5)
84°
56°
ALTERNATE TEETH TWISTED
IN OPPOSITE DIRECTIONS
B
A
A
B
Integrated Knurled Nut
with Small Holes
Lockwasher
Mounting Hardware Options
.413
(10.5)
.496
(12.6)
.157
(4.0)
.394
(10.0)
.043
(1.1)
.338
(8.6)
.496
(12.6)
.047
(1.2)
.386
(9.8)
.496
(12.6)
.157
(4.0)
.386
(9.8)
.543.005
(13.8.13)
.630.005
(16.13)
.394+.008, -.0
(10.0+.2, -.0)
.441+.008, -.0
(11.2+.2, -.0)
.394+.008, -.0
(10.0+.2, -.0)
.441+.008, -.0
(11.2+.2, -.0)
.382 +.008, -.0
(9.7 +.2, -.0)
.346 +.008, -.0
(8.8 +.2, -.0)
.421 +.008, -.0
(10.7 +.2, -.0)
.480 +.008, -.0
(12.2 +.2, -.0)
Option 3 & 6 – M11 X 1.0 Thread
Option 2 & 7 – 3/8” - 24UNF Thread
Option 8 – Snap In
Option 1 – M11 X 1.0 Thread
Option 4 – M12 X 1.0 Thread
3
Revised 3-09
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Optional Bottom Marking of Rating
© 2009 by Tyco Electronics Corporation. All Rights Reserved.
P&B, TE logo and Tyco Electronics are trademarks.


Similar Part No. - W54-XB1A4A10-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C201 ETC1-W541C201 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C202 ETC1-W541C202 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C203 ETC1-W541C203 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
W541C204 ETC1-W541C204 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
More results

Similar Description - W54-XB1A4A10-20

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393249-1 MACOM-2-1393249-1 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-2 MACOM-2-1393249-2 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-4 MACOM-2-1393249-4 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
W58-XB1A4A-8 MACOM-W58-XB1A4A-8 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1423695-4 MACOM-2-1423695-4 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-0 MACOM-2-1393249-0 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-8 MACOM-2-1393249-8 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
2-1423674-8 MACOM-2-1423674-8 Datasheet
220Kb / 3P
   Push To Reset Only P&B Thermal Circuit Breaker
W58 MACOM-W58 Datasheet
225Kb / 3P
   P&B Push To Reset Only Thermal Circuit Breaker
W57 MACOM-W57 Datasheet
250Kb / 3P
   Compact, Push To Reset Only P&B Thermal Circuit Breaker
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com