Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0603C332JZGACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603C332JZGACAUTO
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C332JZGACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0603C332JZGACAUTO Datasheet HTML 1Page - Kemet Corporation C0603C332JZGACAUTO Datasheet HTML 2Page - Kemet Corporation C0603C332JZGACAUTO Datasheet HTML 3Page - Kemet Corporation C0603C332JZGACAUTO Datasheet HTML 4Page - Kemet Corporation C0603C332JZGACAUTO Datasheet HTML 5Page - Kemet Corporation C0603C332JZGACAUTO Datasheet HTML 6Page - Kemet Corporation C0603C332JZGACAUTO Datasheet HTML 7Page - Kemet Corporation C0603C332JZGACAUTO Datasheet HTML 8Page - Kemet Corporation C0603C332JZGACAUTO Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1080_C0G_HV_AUTO_SMD • 12/6/2016
1
One world. One KEMET
Ordering Information
C
1210
C
332
J
C
G
A
C
AUTO
Ceramic
Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Rated
Voltage
(VDC)
Dielectric
Failure
Rate/
Design
Termination Finish2
Packaging/Grade
(C-Spec)
0603
0805
1206
1210
1808
1812
1825
2220
2225
2824
3040
3640
4540
C = Standard
Two
significant
digits and
number of
zeros.
B = ±0.10 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
C = 500
B = 630
D = 1,000
F = 1,500
G = 2,000
Z = 2,500
H = 3,000
G = C0G
A = N/A
C = 100% Matte Sn
See
"Packaging
C-Spec Ordering
Options Table"
below
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
Additional termination finish options may be available. Contact KEMET for details.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage C0G Dielectric, 500 – 3,000 VDC
(Automotive Grade)
Overview
KEMET’s Automotive Grade High Voltage surface mount
MLCCs in C0G dielectric feature a 125°C maximum
operating temperature and are considered “stable.” The
Electronics Industries Alliance (EIA) characterizes C0G
dielectric as a Class I material. Components of this
classification are temperature compensating and are
suited for resonant circuit applications or those where Q
and stability of capacitance characteristics are required.
C0G exhibits no change in capacitance with respect
to time and voltage and boasts a negligible change in
capacitance with reference to ambient temperature.
Capacitance change is limited to ±30ppm/ºC from −55°C
to +125°C.
These devices exhibit low ESR at high frequencies
and find conventional use as snubbers or filters in
applications such as switching power supplies and
lighting ballasts. Their exceptional performance
at high frequencies has made high voltage MLCC's
the preferred dielectric choice of design engineers
worldwide. In addition to their use in power supplies,
these capacitors are widely used in industries related
to automotive(hybrid), telecommunications, medical,
military, aerospace, semiconductors and test/diagnostic
equipment.
Whether under-hood or in-cabin, these capacitors are
designed to provide reliable performance in mission
and safety critical automotive circuits. Stricter testing
protocol and inspection criteria have been established for
automotive grade products in recognition of potentially
harsh environmental conditions. KEMET automotive
grade series capacitors meet the demanding Automotive
Electronics Council's AEC-Q200 qualification requirements.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C0603C332JZGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C332JZGACAUTO KEMET-C0603C332JZGACAUTO Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C0603C332JZGACAUTO KEMET-C0603C332JZGACAUTO Datasheet
803Kb / 22P
   High Voltage C0G Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
More results

Similar Description - C0603C332JZGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com