Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC54-74HC160A Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC54-74HC160A
Description  High?밣erformance Silicon?밎ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54-74HC160A Datasheet(HTML) 5 Page - Motorola, Inc

  MC54-74HC160A Datasheet HTML 1Page - Motorola, Inc MC54-74HC160A Datasheet HTML 2Page - Motorola, Inc MC54-74HC160A Datasheet HTML 3Page - Motorola, Inc MC54-74HC160A Datasheet HTML 4Page - Motorola, Inc MC54-74HC160A Datasheet HTML 5Page - Motorola, Inc MC54-74HC160A Datasheet HTML 6Page - Motorola, Inc MC54-74HC160A Datasheet HTML 7Page - Motorola, Inc MC54-74HC160A Datasheet HTML 8Page - Motorola, Inc MC54-74HC160A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC54/74HC160A MC54/74HC162A
High–Speed CMOS Logic Data
DL129 — Rev 6
5
MOTOROLA
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Sb l
P
V
Guaranteed Limit
Ui
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tsu
Minimum Setup Time, Preset Data Inputs to Clock
(Figure 5)
2.0
3.0
4.5
6.0
150
TBD
30
26
190
TBD
38
33
225
TBD
45
38
ns
tsu
Minimum Setup Time, Load to Clock
(Figure 5)
2.0
3.0
4.5
6.0
135
TBD
27
23
170
TBD
34
29
205
TBD
41
35
ns
tsu
Minimum Setup Time, Reset to Clock (HC162A only)
(Figure 4)
2.0
3.0
4.5
6.0
160
TBD
32
27
200
TBD
40
34
240
TBD
48
41
ns
tsu
Minimum Setup Time, Enable T or Enable P to Clock
(Figure 6)
2.0
3.0
4.5
6.0
200
TBD
40
34
250
TBD
50
43
300
TBD
60
51
ns
th
Minimum Hold Time, Clock to Preset Data Inputs
(Figure 5)
2.0
3.0
4.5
6.0
50
TBD
10
9
65
TBD
13
11
75
TBD
15
13
ns
th
Minimum Hold Time, Clock to Load
(Figure 5)
2.0
3.0
4.5
6.0
3
TBD
3
3
3
TBD
3
3
3
TBD
3
3
ns
th
Minimum Hold Time, Clock to Reset (HC162A only)
(Figure 4)
2.0
3.0
4.5
6.0
3
TBD
3
3
3
TBD
3
3
3
TBD
3
3
ns
th
Minimum Hold Time, Clock to Enable T or Enable P
(Figure 6)
2.0
3.0
4.5
6.0
3
TBD
3
3
3
TBD
3
3
3
TBD
3
3
ns
trec
Minimum Recovery Time, Reset Inactive to Clock (HC160A only)
(Figure 2)
2.0
3.0
4.5
6.0
125
TBD
25
21
155
TBD
31
26
190
TBD
38
32
ns
trec
Minimum Recovery Time, Load Inactive to Clock
(Figure 5)
2.0
3.0
4.5
6.0
125
TBD
25
21
155
TBD
31
26
190
TBD
38
32
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
2.0
3.0
4.5
6.0
80
TBD
16
14
100
TBD
20
17
120
TBD
24
20
ns
tw
Minimum Pulse Width, Reset (HC160A only)
(Figure 2)
2.0
3.0
4.5
6.0
80
TBD
16
14
100
TBD
20
17
120
TBD
24
20
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 1)
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC54-74HC160A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC164A MOTOROLA-MC54-74HC164A Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
MC54-74HC165A MOTOROLA-MC54-74HC165A Datasheet
288Kb / 9P
   8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER
More results

Similar Description - MC54-74HC160A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com