Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKKL-10112A-19 Datasheet(PDF) 1 Page - Richco, Inc.

Part # AKKL-10112A-19
Description  ADJUSTABLE KWIK KLIP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHCO [Richco, Inc.]
Direct Link  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

AKKL-10112A-19 Datasheet(HTML) 1 Page - Richco, Inc.

  AKKL-10112A-19 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
-
-
-
SEE ENGINEERING FOR REVISION HISTORY (A-I)
J
12/02/03
SM
SEE ECN #733 FOR CHANGES
K
01/27/04
SM
SEE ECN #750 FOR CHANGES
L
09/10/4
SM
SEE ECN #847 FOR CHANGES
M
02/10/05
SK
SEE ECN #939 FOR CHANGES
N
02/25/05
SK
SEE ECN #952 FOR CHANGES
O
04/30/2012
SK
SEE CO200773 FOR CHANGES
"DIA."
RE:
DESCRIPTION
CREATED USING
TYPE
12/02/03
C
SEE TABLE
PART #
CHKD:
APP:
DWN:
DT:
SHEET SIZE:
ENGR.
SHEET:
FILE #:
1 OF 1
A
ANG.=±1°
-
AKKL
-
FINAL
DWG IN
IN [MM]
RICHCO, INC.
ENG@RICHCO-INC.COM
SM
(773) 539-4060
RICHCO INC.
DATE
PRINT
ADJUSTABLE KWIK KLIP
TITLE:
A
SOLIDWORKS
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
REV.
NOTES:
1. MATERIAL: NYLON 6/6 (RMS-01)
FLAME RETARDANT NYLON 6/6 (RMS-19), UL94-V0.
2. COLOR: NATURAL.
3. ACRYLIC ADHESIVE TAPE (RMS-15), WHITE LINER.
4. RUBBER ADHESIVE TAPE (RMS-102), BLUE LINER,
AVAILABLE BY SPECIAL ORDER ONLY.
TO ORDER USE P/N: AKKL-XXXXA1-RT OR AKKL-XXXXA1-19
** AKKL-10112 AVAILABLE WITH 1/16 [1.6] THICK TAPE ONLY.
* AKKL-2140 AVAILABLE WITH RUBBER ADHESIVE TAPE (RMS-136) ONLY.
"C"
"A"
TYPICAL RELEASE
TAB LOCATION
**1/32" [0.8] THICK,
DOUBLE SIDED
ADHESIVE TAPE
"B"
"D"
NYLON W/O TAPE
NYLON W/ TAPE
V-0 NYLON W/O TAPE
V-0 NYLON W/ TAPE
AKKL-2140-01
AKKL-2140A-RT
AKKL-2140-19
AKKL-2140A-19
.215-.258 [5.5-6.5]
.85 [21.6]
.650 [16.5]
.708 [18.0]
.39 [10.0]
AKKL-3140-01
AKKL-3140A-RT
AKKL-3140-19
AKKL-3140A-19
.312-.406 [7.9-10.3]
1.00 [ 25.4]
.866 [22.2]
AKKL-4756-01
AKKL-4756A-RT
AKKL-4756-19
AKKL-4756A-19
.469-.562 [11.9-14.3]
1.25 [31.8]
1.09 [27.8]
AKKL-5775-01
AKKL-5775A-RT
AKKL-5775-19
AKKL-5775A-19
.578-.750 [14.7-19.1]
1.50 [38.1]
1.25 [31.8]
AKKL-8710-01
AKKL-8710A-RT
AKKL-8710-19
AKKL-8710A-19
.875-1.00 [22.2-25.4]
2.00 [50.8]
1.75 [44.5]
AKKL-10112-01
**AKKL-10112A-RT
AKKL-10112-19
**AKKL-10112A-19
1.00-1.25 [25.4-31.7]
2.5 [63.5]
2.00 [50.8]
.750 [19.1]
1.00 [25.4]
.40 [10.2]
.50 [12.7]
PART NUMBER
BUNDLE DIA. RANGE
REF.
"A"±.015 [±0.4]
"B"±.015 [±0.4]
"C" REF.
"D"


Similar Description - AKKL-10112A-19

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
KKC-2-RT RICHCO-KKC-2-RT Datasheet
55Kb / 1P
   KWIK-KLIP, TYPE
KKD-4-RT RICHCO-KKD-4-RT Datasheet
63Kb / 1P
   KWIK-KLIP, TYPE D
KKL-4-RT RICHCO-KKL-4-RT Datasheet
96Kb / 1P
   KWIK-KLIP, TYPE"L"||" "891751
ALL DIMENSIONS IN MM [INCH]
PKKL-3S RICHCO-PKKL-3S Datasheet
163Kb / 1P
   PLUG-IN KWIK KLIP, LOCKING
KKDL-4-RT RICHCO-KKDL-4-RT Datasheet
46Kb / 1P
   KWIK-KLIP, TYPE"DL"||" "891749
ALL DIMENSIONS IN MM [INCH]
KNF-30 RICHCO-KNF-30 Datasheet
30Kb / 1P
   KWIK NUT FASTENER
logo
Calogic, LLC
TL431 CALOGIC-TL431 Datasheet
65Kb / 6P
   Precision Adjustable Precision Adjustable
logo
Solid States Devices, I...
SVR333J SSDI-SVR333J Datasheet
134Kb / 3P
   NEGATIVE ADJUSTABLE NEGATIVE ADJUSTABLE
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
ASM GmbH
IR-TC ASM-SENSOR-IR-TC Datasheet
477Kb / 12P
   Adjustable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com