Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP118U Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MP118U
Description  Power Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP118U Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MP118U Datasheet HTML 1Page - List of Unclassifed Manufacturers MP118U Datasheet HTML 2Page - List of Unclassifed Manufacturers MP118U Datasheet HTML 3Page - List of Unclassifed Manufacturers MP118U Datasheet HTML 4Page - List of Unclassifed Manufacturers MP118U Datasheet HTML 5Page - List of Unclassifed Manufacturers MP118U Datasheet HTML 6Page - List of Unclassifed Manufacturers MP118U Datasheet HTML 7Page - List of Unclassifed Manufacturers MP118U Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP118 • MP118A
4
MP118U
Figure 2: Typical Performance Graphs
TYPICAL PERFORMANCE GRAPHS
200
160
120
80
40
0
60
80
100
120
140
QUIESCENT CURRENT vs SUPPLY
TOTAL SUPPLY VOLTAGE, V
s (V)
T
C = 85°C
T
C = 25°C
T
C = -40°C
SMALL SIGNAL RESPONSE
FREQUENCY, F (Hz)
10
1M
100K
10K
1K
100
10M
100
80
60
40
20
0
-20
C
C = 10pF
C
C = 33pF
C
C = 100pF
-V
S=-VB=-50V
+V
S=+VB=50V
C
C = 220pF
120
140
1
PHASE RESPONSE
FREQUENCY, F (Hz)
100K
10M
1M
-180
1 C
C = 10pF
2 C
C = 33pF
3 C
C = 100pF
4 C
C = 220pF
+V
S = +VB = 50V
-V
S = -VB = -50V
-165
-150
-135
-120
-105
-90
1
2
3
4
FREQUENCY, F (Hz)
C
C = 10pF
C
C = 33pF
C
C = 100pF
C
C = 220pF
POWER RESPONSE
10
100
10K
100K
1M
200
5M
0
2
-2
-4
4
0
40
80
120
140
160
TOTAL SUPPLY VOLTAGE, V
S (V)
OFFSET VOLTAGE VS
T
C = -40°C
T
C = 25°C
T
C = 85°C
SHUT-DOWN VOLTAGE vs TEMP
.65
.75
.6
.55
.8
.7
.5
.45
.4
CASE TEMPERATURE, T
C (°C)
-40 -20
0
20
40
60
80 100
-40 -20 0
20 40 60 80 100
0
20
40
60
80
100
POWER DERATING
CASE TEMPERATURE, T
C (°C)
1
10
100
SUPPLY TO OUTPUT DIFFERENTIAL, V
S-VO (V)
1
10
200
0.2
20
SAFE OPERATING AREA
OUTPUT VOLTAGE SWING
OUTPUT CURRENT, I
O (A)
9
8
7
6
5
4
3
2
1
0
0
2
4
6
8
10
W/O BOOST FR
OM +VS
W/O BOOS
T FROM
-VS
WITH BOOS
T FROM +VS
WITH
BOOS
T FR
OM
-V S
T
C = 25°C
50ms PULSE
+SR
-SR
COMPENSATION CAPACITANCE, C (pF)
c
350
300
250
200
150
100
50
0
450
400
300
250
200
150
100
50
0
350
SLEW RATE
SINKING CURRENT
CASE TEMPERATURE (°C)
100
80
60
40
20
0
-20
-40
80
90
100
110
120
130
70
QUIESCENT CURRENT vs TEMP
SOURCING CURRENT


Similar Part No. - MP118U

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP110 CTS-MP110 Datasheet
133Kb / 5P
   Quartz Crystal
logo
Monolithic Power System...
MP110 MPS-MP110 Datasheet
2Mb / 23P
   900V Offline Switching Regulator
logo
M-System Co.,Ltd.
MP1100-1-FH MSYSTEM-MP1100-1-FH Datasheet
87Kb / 4P
   DC INPUT LIMIT ALARM
MP1100-1-FR MSYSTEM-MP1100-1-FR Datasheet
87Kb / 4P
   DC INPUT LIMIT ALARM
MP1100-1-FT MSYSTEM-MP1100-1-FT Datasheet
87Kb / 4P
   DC INPUT LIMIT ALARM
More results

Similar Description - MP118U

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com