Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1142AB0H-E6T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1142AB0H-E6T2U
Description  Built-in thermal shutdown circuit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142AB0H-E6T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1142AB0H-E6T2U Datasheet HTML 1Page - Seiko Instruments Inc S-1142AB0H-E6T2U Datasheet HTML 2Page - Seiko Instruments Inc S-1142AB0H-E6T2U Datasheet HTML 3Page - Seiko Instruments Inc S-1142AB0H-E6T2U Datasheet HTML 4Page - Seiko Instruments Inc S-1142AB0H-E6T2U Datasheet HTML 5Page - Seiko Instruments Inc S-1142AB0H-E6T2U Datasheet HTML 6Page - Seiko Instruments Inc S-1142AB0H-E6T2U Datasheet HTML 7Page - Seiko Instruments Inc S-1142AB0H-E6T2U Datasheet HTML 8Page - Seiko Instruments Inc S-1142AB0H-E6T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
S-1142A/BxxH Series
www.sii-ic.com
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
LOW DROPOUT 105
°C OPERATION CMOS VOLTAGE REGULATOR
© SII Semiconductor Corporation, 2012-2014
Rev.2.2_01
1
The S-1142A/BxxH Series, developed by using high-withstand voltage CMOS technology, is a positive voltage regulator
with a high-withstand voltage, low current consumption, and high-accuracy output voltage.
The S-1142A/BxxH Series operates at a high maximum operating voltage of 50 V and a low current consumption of 4.0
μA
typ. In addition to a built-in low on-resistance transistor which provides a very small dropout voltage and a large output
current, this voltage regulator also has a built-in ON / OFF circuit.
An overcurrent protection circuit prevents the load current from exceeding the capacitance of the output transistor, and a
built-in thermal shutdown circuit prevents damage caused by heat.
A high heat radiation HSOP-6 package enables high-density mounting.
Caution Before using the product in automobile control unit or medical equipment, contact to SII
Semiconductor Corporation is indispensable.
Features
• Output voltage:
2.0 V to 15.0 V, selectable in 0.1 V step
• Input voltage:
3.0 V to 50 V
• Output voltage accuracy:
±1.0% (Tj = +25°C)
±3.0% (Tj = −40°C to +105°C)
• Current consumption:
During operation: 4.0
μA typ., 9.0 μA max. (Ta = −40°C to +105°C)
During power-off: 0.1
μA typ., 2.5 μA max. (Ta = −40°C to +105°C)
• Output current:
Possible to output 200 mA (VIN
≥ VOUT(S) + 2.0 V)*1
• Input and output capacitors:
A ceramic capacitor of 0.1
μF or more can be used.
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Prevents damage caused by heat.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Operation temperature range:
Ta =
−40°C to +105°C
• Lead-free (Sn 100%), halogen-free
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Constant-voltage power supply for electrical application for vehicle interior
• Constant-voltage power supply for home electric appliance
Package
• HSOP-6


Similar Part No. - S-1142AB0H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1142A SII-S-1142A Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S-1142A50H-E6T2U SII-S-1142A50H-E6T2U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S-1142AC0H-E6T2U SII-S-1142AC0H-E6T2U Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1142AB0H-E6T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D33A-E6T2U SII-S-1142D33A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
logo
Sanken electric
SLA2602M SANKEN-SLA2602M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
SLA2601M SANKEN-SLA2601M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
logo
Rohm
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
   Built-in thermal protection
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
logo
STMicroelectronics
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com