Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1317A10-A4T2U4 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-1317A10-A4T2U4
Description  Built-in overcurrent protection circuit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1317A10-A4T2U4 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-1317A10-A4T2U4 Datasheet HTML 3Page - Seiko Instruments Inc S-1317A10-A4T2U4 Datasheet HTML 4Page - Seiko Instruments Inc S-1317A10-A4T2U4 Datasheet HTML 5Page - Seiko Instruments Inc S-1317A10-A4T2U4 Datasheet HTML 6Page - Seiko Instruments Inc S-1317A10-A4T2U4 Datasheet HTML 7Page - Seiko Instruments Inc S-1317A10-A4T2U4 Datasheet HTML 8Page - Seiko Instruments Inc S-1317A10-A4T2U4 Datasheet HTML 9Page - Seiko Instruments Inc S-1317A10-A4T2U4 Datasheet HTML 10Page - Seiko Instruments Inc S-1317A10-A4T2U4 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35
μA SUPER LOW CURRENT CONSUMPTION
Rev.1.0_00
S-1317 Series
7
Electrical Characteristics
Table 7
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)
+ 1.0 V,
IOUT = 10 mA
1.0 V
≤ VOUT(S) < 1.5 V
VOUT(S)
− 0.015
VOUT(S)
VOUT(S)
+ 0.015
V
1
1.5 V
≤ VOUT(S) ≤ 3.5 V
VOUT(S)
× 0.99
VOUT(S)
VOUT(S)
× 1.01
V
1
Output current
*2
IOUT
VIN
≥ VOUT(S) + 1.0 V
100
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 10 mA
1.0 V
≤ VOUT(S) < 1.1 V
0.50
V
1
1.1 V
≤ VOUT(S) < 1.2 V
0.40
V
1
1.2 V
≤ VOUT(S) < 1.3 V
0.30
V
1
1.3 V
≤ VOUT(S) < 1.4 V
0.20
V
1
1.4 V
≤ VOUT(S) < 1.5 V
0.10
V
1
1.5 V
≤ VOUT(S) < 1.7 V
0.050
0.080
V
1
1.7 V
≤ VOUT(S) < 1.8 V
0.040
0.060
V
1
1.8 V
≤ VOUT(S) < 2.0 V
0.040
0.050
V
1
2.0 V
≤ VOUT(S) < 2.5 V
0.030
0.040
V
1
2.5 V
≤ VOUT(S) < 2.8 V
0.020
0.030
V
1
2.8 V
≤ VOUT(S) < 3.0 V
0.019
0.021
V
1
3.0 V
≤ VOUT(S) ≤ 3.5 V
0.018
0.020
V
1
Line regulation
ΔVOUT1
ΔVIN•VOUT
VOUT(S)
+ 0.5 V ≤ VIN ≤ 5.5 V, IOUT = 10 mA
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S)
+ 1.0 V, 1 μA ≤ IOUT ≤ 50 mA
20
40
mV
1
Output voltage
temperature coefficient
*4
ΔVOUT
ΔTa•VOUT
VIN = VOUT(S)
+ 1.0 V, IOUT = 10 mA,
−40°C ≤ Ta ≤ +85°C
±130
ppm/
°C1
Current consumption
during operation
ISS1
VIN = VOUT(S)
+ 1.0 V, no load
0.35
0.53
μA
2
Input voltage
VIN
1.5
5.5
V
Short-circuit current
Ishort
VIN = VOUT(S)
+ 1.0 V, VOUT = 0 V
60
mA
3
*1. VOUT(S): Set output voltage
VOUT(E): Actual output voltage
Output voltage when fixing IOUT (= 10 mA) and inputting VOUT(S)
+ 1.0 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1
− (VOUT3 × 0.98)
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input voltage.
VOUT3 is the output voltage when VIN = VOUT(S)
+ 1.0 V and IOUT = 10 mA.
*4. A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
ΔVOUT
ΔTa []
mV/°C
*1 = V
OUT(S) []
V
*2 ×
ΔVOUT
ΔTa•VOUT []
ppm/°C
*3 ÷ 1000
*1. Change in temperature of output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*5. Due to limitation of the power dissipation, this value may not be satisfied. Attention should be paid to the power
dissipation when the output current is large.
This specification is guaranteed by design.


Similar Part No. - S-1317A10-A4T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1317A10-A4T2U4 SII-S-1317A10-A4T2U4 Datasheet
2Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 uA SUPER LOW CURRENT CONSUMPTION
logo
ABLIC Inc.
S-1317A10-A4T2U4 ABLIC-S-1317A10-A4T2U4 Datasheet
1Mb / 31P
   5.5 V INPUT, 100 mA CMOS VOLTAGE REGULATOR WITH 0.35 ?쵡 SUPER LOW CURRENT CONSUMPTION
Rev.1.0_01
More results

Similar Description - S-1317A10-A4T2U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1702 SII-S-1702 Datasheet
2Mb / 45P
   Built-in overcurrent protection circuit
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Sanken electric
SPF3006 SANKEN-SPF3006 Datasheet
52Kb / 2P
   Built-in drooping type overcurrent and thermal protection circuits
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
   Built-in Fold Back Protection Circuit
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
B59048A1080B110 EPCOS-B59048A1080B110 Datasheet
66Kb / 4P
   Overcurrent protection in MDF modules
logo
Shenzhenshi YONGFUKANG ...
HR4988 YONGFUKANG-HR4988 Datasheet
3Mb / 31P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
logo
Jiaxing Heroic Technolo...
HR4982 HEROIC-HR4982 Datasheet
426Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
HR4988 HEROIC-HR4988 Datasheet
429Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com