Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1142DB0A-E6T2U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-1142DB0A-E6T2U
Description  Built-in thermal shutdown circuit
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142DB0A-E6T2U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-1142DB0A-E6T2U Datasheet HTML 6Page - Seiko Instruments Inc S-1142DB0A-E6T2U Datasheet HTML 7Page - Seiko Instruments Inc S-1142DB0A-E6T2U Datasheet HTML 8Page - Seiko Instruments Inc S-1142DB0A-E6T2U Datasheet HTML 9Page - Seiko Instruments Inc S-1142DB0A-E6T2U Datasheet HTML 10Page - Seiko Instruments Inc S-1142DB0A-E6T2U Datasheet HTML 11Page - Seiko Instruments Inc S-1142DB0A-E6T2U Datasheet HTML 12Page - Seiko Instruments Inc S-1142DB0A-E6T2U Datasheet HTML 13Page - Seiko Instruments Inc S-1142DB0A-E6T2U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C/DxxA Series
Rev.1.1_01
10
Standard Circuit
CIN
*1
CL
*2
Input
Output
GND
Single GND
VOUT
VIN
VSS
ON / OFF
*1. CIN is a capacitor for stabilizing the input.
*2. A ceramic capacitor of 0.1
μF or more can be used as CL.
Figure 9
Caution The above connection diagram and constants will not guarantee successful operation. Perform
thorough evaluation using an actual application to set the constants.
Condition of Application
Input capacitor (CIN):
0.1
μF or more
Output capacitor (CL):
0.1
μF or more
Caution Generally a series regulator may cause oscillation, depending on the selection of external parts.
Confirm that no oscillation occurs in the application for which the above capacitors are used.
Selection of Input and Output Capacitors (CIN, CL)
The S-1142C/DxxA Series requires an output capacitor between the VOUT pin and the VSS pin for phase compensation.
Operation is stabilized by a ceramic capacitor with an output capacitance of 0.1
μF or more over the entire temperature
range. When using an OS capacitor, a tantalum capacitor, or an aluminum electrolytic capacitor, the capacitance must
be 0.1
μF or more.
The values of output overshoot and undershoot, which are transient response characteristics, vary depending on the
value of the output capacitor.
The required value of capacitance for the input capacitor differs depending on the application.
Set the value for input capacitor (CIN) and output capacitor (CL) as follows.
CIN
≥ 0.1 μF
CL
≥ 0.1 μF
Caution Define the capacity values of CIN and CL by sufficient evaluation including the temperature
characteristics under the actual usage conditions.


Similar Part No. - S-1142DB0A-E6T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1142DB0H-E6T2U SII-S-1142DB0H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
More results

Similar Description - S-1142DB0A-E6T2U

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
logo
Sanken electric
SLA2602M SANKEN-SLA2602M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
SLA2601M SANKEN-SLA2601M Datasheet
91Kb / 2P
   H Bridge, Enable Pin, Built-in Thermal Shutdown Circuit
logo
Rohm
BD10KA5 ROHM-BD10KA5 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
logo
Integrated Silicon Solu...
IS31BL3228AB ISSI-IS31BL3228AB Datasheet
310Kb / 11P
   Built-in thermal protection
logo
STMicroelectronics
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
   Thermal shutdown
May 2015 Rev 2
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
   thermal fuse built-in resistors
logo
STMicroelectronics
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
   Thermal shutdown
May 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com