Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BPDW Datasheet(PDF) 6 Page - Yea Shin Technology Co., Ltd

Part # BC847BPDW
Description  Pb?묯ree Package is Available
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC847BPDW Datasheet(HTML) 6 Page - Yea Shin Technology Co., Ltd

  BC847BPDW Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC847BPDW Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC847BPDW Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC847BPDW Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC847BPDW Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC847BPDW Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BC847BPDW Datasheet HTML 7Page - Yea Shin Technology Co., Ltd BC847BPDW Datasheet HTML 8Page - Yea Shin Technology Co., Ltd BC847BPDW Datasheet HTML 9Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
http://www.yeashin.com
6
REV.02 20120403
BC846BPDW/BC847BPDW
TYPICAL NPN CHARACTERISTICS − BC847 SERIES & BC848 SERIES
Figure 13. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 14. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
0.2
0.5
1.0
10
20
50
0.2
100
Figure 15. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 16. Base−Emitter Temperature
Coefficient
IC, COLLECTOR CURRENT (mA)
2.0
5.0
200
0.6
0.7
0.8
0.9
1.0
0.5
0
0.2
0.4
0.1
0.3
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
1.5
1.0
0.8
0.6
0.4
0.3
0.2
0.5
1.0
10
20
50
2.0
100
70
30
7.0
5.0
3.0
0.7
0.3
0.1
0.2
1.0
10
100
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE = 10 V
TA = 25°C
−55°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
Figure 17. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 18. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4 0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7 1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib
DEVICE CHARACTERISTICS


Similar Part No. - BC847BPDW

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BC847BPDW AITSEMI-BC847BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
ON Semiconductor
BC847BPDW1 ONSEMI-BC847BPDW1 Datasheet
178Kb / 17P
   Dual General Purpose Transistors
October, 2013 ??Rev. 9
BC847BPDW1 ONSEMI-BC847BPDW1 Datasheet
142Kb / 17P
   Dual General Purpose Transistors
April, 2016 ??Rev. 12
BC847BPDW1T1 ONSEMI-BC847BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
BC847BPDW1T1G ONSEMI-BC847BPDW1T1G Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
More results

Similar Description - BC847BPDW

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
logo
Leshan Radio Company
LSSBTH10T1G LRC-LSSBTH10T1G Datasheet
550Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
LSBTH10T1G LRC-LSBTH10T1G Datasheet
552Kb / 7P
   VHF/UHF Transistors Pb-Free Package is Available.
LMBR0540T1G LRC-LMBR0540T1G Datasheet
255Kb / 5P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0520T1G LRC-LMBR0520T1G Datasheet
155Kb / 3P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR130T1G LRC-LMBR130T1G Datasheet
201Kb / 4P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
LMBR0530T1G LRC-LMBR0530T1G Datasheet
203Kb / 4P
   Surface Mount Schottky Power Rectifier Pb-Free package is available
logo
ON Semiconductor
NBXHGA017 ONSEMI-NBXHGA017 Datasheet
116Kb / 6P
   2.5/3.3 V, 156.25 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2010 ??Rev. 0
logo
Leshan Radio Company
L2SC1623QLT1G LRC-L2SC1623QLT1G Datasheet
300Kb / 5P
   General Purpose Transistors Pb-Free packkage is available
logo
ON Semiconductor
NBXSGA008 ONSEMI-NBXSGA008 Datasheet
117Kb / 6P
   2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com