Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC858B Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BC858B
Description  General Purpose Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BC858B Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BC858B Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BC858B Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BC858B Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BC858B Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BC858B Datasheet HTML 5Page - Yea Shin Technology Co., Ltd BC858B Datasheet HTML 6Page - Yea Shin Technology Co., Ltd BC858B Datasheet HTML 7Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.yeashin.com
2
REV.02 20130403
BC85x Series
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Package
Shipping
BC856A
3A
SOT-23
3000/Tape&Reel
BC856A
3A
SOT-23
10000/Tape&Reel
BC856B
3B
SOT-23
3000/Tape&Reel
BC856B
3B
BC857A
3E
SOT-23
3000/Tape&Reel
BC857A
3E
BC857B
3F
SOT-23
3000/Tape&Reel
BC857B
3F
BC857C
3G
SOT-23
3000/Tape&Reel
BC857C
3G
BC858A
3J
SOT-23
3000/Tape&Reel
BC858A
3J
BC858B
3K
SOT-23
3000/Tape&Reel
BC858B
3K
BC858C
3L
SOT-23
3000/Tape&Reel
BC858C
3L
BC859B
4B
SOT-23
3000/Tape&Reel
BC859B
4B
BC859C
4C
SOT-23
3000/Tape&Reel
BC859C
4C
SOT-23
10000/Tape&Reel
SOT-23
10000/Tape&Reel
SOT-23
10000/Tape&Reel
SOT-23
10000/Tape&Reel
SOT-23
10000/Tape&Reel
SOT-23
10000/Tape&Reel
SOT-23
10000/Tape&Reel
SOT-23
10000/Tape&Reel
SOT-23
10000/Tape&Reel


Similar Part No. - BC858B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC858B STMICROELECTRONICS-BC858B Datasheet
44Kb / 5P
   SMALL SIGNAL PNP TRANSISTORS
logo
GUANGDONG HOTTECH INDUS...
BC858B HOTTECH-BC858B Datasheet
498Kb / 3P
   Plastic-Encapsulate Transistors
logo
Guangdong Youtai Semico...
BC858B UMW-BC858B Datasheet
452Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
BC858B DIODES-BC858B Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
logo
SeCoS Halbleitertechnol...
BC858B SECOS-BC858B Datasheet
263Kb / 3P
   BC856A
More results

Similar Description - BC858B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com