Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1212DG0-M5T1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-1212DG0-M5T1U
Description  LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1212DG0-M5T1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-1212DG0-M5T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1212DG0-M5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1212DG0-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1212DG0-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1212DG0-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1212DG0-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1212DG0-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1212DG0-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1212DG0-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B/D Series
Rev.3.0_00
4
4. Product name list
4. 1 S-1212B/D Series B type
ON / OFF logic:
Active "H"
ON / OFF pin input voltage "H" (VSH) = 1.5 V min., ON / OFF pin input voltage "L" (VSL) = 0.25 V max.
.
Table 3
Output Voltage
TO-252-5S(A)
HSOP-8A
HSOP-6
SOT-89-5
HTMSOP-8
SOT-23-5
3.3 V
± 2.0%
S-1212B33-V5T2U
S-1212B33-E8T1U
S-1212B33-E6T1U
S-1212B33-U5T1U
S-1212B33-S8T1U
S-1212B33-M5T1U
5.0 V
± 2.0%
S-1212B50-V5T2U
S-1212B50-E8T1U
S-1212B50-E6T1U
S-1212B50-U5T1U
S-1212B50-S8T1U
S-1212B50-M5T1U
8.0 V
± 2.0%
S-1212B80-V5T2U
S-1212B80-E8T1U
S-1212B80-E6T1U
S-1212B80-U5T1U
S-1212B80-S8T1U
S-1212B80-M5T1U
12.0 V
± 2.0%
S-1212BC0-V5T2U
S-1212BC0-E8T1U
S-1212BC0-E6T1U
S-1212BC0-U5T1U
S-1212BC0-S8T1U
S-1212BC0-M5T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 2 S-1212B/D Series D type
ON / OFF logic:
Active "H"
ON / OFF pin input voltage "H" (VSH) = 2.0 V min., ON / OFF pin input voltage "L" (VSL) = 0.8 V max.
Table 4
Output Voltage
TO-252-5S(A)
HSOP-8A
HSOP-6
SOT-89-5
HTMSOP-8
SOT-23-5
3.3 V
± 2.0%
S-1212D33-V5T2U
S-1212D33-E8T1U
S-1212D33-E6T1U
S-1212D33-U5T1U
S-1212D33-S8T1U
S-1212D33-M5T1U
5.0 V
± 2.0%
S-1212D50-V5T2U
S-1212D50-E8T1U
S-1212D50-E6T1U
S-1212D50-U5T1U
S-1212D50-S8T1U
S-1212D50-M5T1U
8.0 V
± 2.0%
S-1212D80-V5T2U
S-1212D80-E8T1U
S-1212D80-E6T1U
S-1212D80-U5T1U
S-1212D80-S8T1U
S-1212D80-M5T1U
12.0 V
± 2.0%
S-1212DC0-V5T2U
S-1212DC0-E8T1U
S-1212DC0-E6T1U
S-1212DC0-U5T1U
S-1212DC0-S8T1U
S-1212DC0-M5T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.


Similar Part No. - S-1212DG0-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1212D33-E6T1U SII-S-1212D33-E6T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D33-E8T1U SII-S-1212D33-E8T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D33-M5T1U SII-S-1212D33-M5T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D33-S8T1U SII-S-1212D33-S8T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212D33-U5T1U SII-S-1212D33-U5T1U Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1212DG0-M5T1U

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-818 SII-S-818_1 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC2129 GTM-GSC2129 Datasheet
552Kb / 6P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com