Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1702HBJ00-I6T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-1702HBJ00-I6T1U
Description  Built-in overcurrent protection circuit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1702HBJ00-I6T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-1702HBJ00-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1702HBJ00-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1702HBJ00-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1702HBJ00-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1702HBJ00-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-1702HBJ00-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-1702HBJ00-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-1702HBJ00-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-1702HBJ00-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESETINPUT FUNCTION
Rev.2.2_01
S-1702 Series
9
Electrical Characteristics
1. Common to series (S-1702Axx to Hxx, Jxx to Nxx, Pxx)
Table 7 (1 / 2)
Entire circuit
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Current
consumption
during operation*1
ISS
VIN = VOUT(S)
+ 1.0 V
10
18
μA
2
Regulator block
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage*2
VOUT(E)
VIN = VOUT(S)
+ 1.0 V, IOUT = 30 mA
VOUT(S)
×0.99
VOUT(S)
VOUT(S)
×1.01
V
1
Output current*3
IOUT
VIN > VOUT(S)
+ 1.0 V
150*8
mA
3
Dropout voltage*4
Vdrop
IOUT = 100 mA
1.5 V < VOUT(S)
≤ 2.0 V
0.54
0.58
V
1
2.0 V < VOUT(S)
≤ 2.5 V
0.23
0.35
V
1
2.5 V < VOUT(S)
≤ 3.0 V
0.2
0.3
V
1
3.0 V < VOUT(S)
≤ 3.3 V
0.15
0.23
V
1
3.3 V < VOUT(S)
≤ 5.5 V
0.14
0.21
V
1
Line regulation
ΔVIN VOUT
ΔVOUT1
VOUT(S)
+ 0.5 V < VIN < 6.5 V,
IOUT = 30 mA
0.05
0.2
%/V
1
Load regulation
ΔVOUT2
VIN = VOUT(S)
+ 1.0 V,
10
μA < IOUT < 100 mA
20
40
mV
1
Output voltage
temperature
coefficient *5
ΔTa VOUT
ΔVOUT
VIN = VOUT(S)
+ 1.0 V,
IOUT = 30 mA,
−40°C ≤ Ta ≤ +85°C*9
±100
±300
ppm/
°C
1
Current
consumption
during operation*1
ISS1
VIN = VOUT(S)
+ 1.0 V,
RESX and ON / OFF pins enabled for
operation, no load
9
16
μA
2
Input voltage
VIN
2
6.5
V
ON / OFF pin
input voltage “H”
VSH1
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
1.2
V
4
ON / OFF pin
input voltage “L”
VSL1
VIN = VOUT(S)
+ 1.0 V, RL = 1.0 kΩ
0.3
V
4
ON / OFF pin
input current “H”
ISH1
VIN = 6.5 V, VON / OFF = 6.5 V
S-1702xxA
−0.1
0.1
μA
4
S-1702xxD
−0.1
0.1
μA
4
S-1702xxG
−0.1
0.1
μA
4
ON / OFF pin
input current “L”
ISL1
VIN = 6.5 V, VON / OFF = 0 V
S-1702xxA
−0.1
0.1
μA
4
S-1702xxD
−0.1
0.1
μA
4
S-1702xxG
−0.1
0.1
μA
4
Ripple rejection
RR
VIN = VOUT(S)
+ 1.0 V,
f = 1.0 kHz,
ΔVrip = 0.5 Vrms,
IOUT = 30 mA
1.5 V
≤ VOUT(S) < 3.1 V
70
dB
5
3.1 V
≤ VOUT(S) ≤ 5.5 V
65
dB
5
Short-circuit
current
ISHORT
VIN = VOUT(S)
+ 1.0 V,
ON / OFF pin enabled for operation,
VOUT = 0 V
300
mA
5


Similar Part No. - S-1702HBJ00-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
S-1701A1541-M5T1X ABLIC-S-1701A1541-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701A1815-M5T1G SII-S-1701A1815-M5T1G Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701A1815-M5T1X ABLIC-S-1701A1815-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results

Similar Description - S-1702HBJ00-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1317A10-M5T1U4 SII-S-1317A10-M5T1U4 Datasheet
2Mb / 31P
   Built-in overcurrent protection circuit
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Sanken electric
SPF3006 SANKEN-SPF3006 Datasheet
52Kb / 2P
   Built-in drooping type overcurrent and thermal protection circuits
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
   Built-in Fold Back Protection Circuit
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
B59048A1080B110 EPCOS-B59048A1080B110 Datasheet
66Kb / 4P
   Overcurrent protection in MDF modules
logo
Shenzhenshi YONGFUKANG ...
HR4988 YONGFUKANG-HR4988 Datasheet
3Mb / 31P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
logo
Jiaxing Heroic Technolo...
HR4982 HEROIC-HR4982 Datasheet
426Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
HR4988 HEROIC-HR4988 Datasheet
429Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com