Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744290321 Datasheet(PDF) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744290321
Description  WE-UCF SMD Common Mode Line Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744290321 Datasheet(HTML) 5 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744290321 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744290321 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744290321 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744290321 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744290321 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744290321 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1.2
1.1
1.0
REV
2015-08-06
2014-06-11
2014-01-22
DATE
KaS
SSt
SSt
BY
SBa
SSt
SBa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-UCF SMD Common Mode Line Filter
Order.- No.
744290321
SIZE
A4
General:
All recommendations according to the general technical specifications of the data sheet have to be complied with.
The usage and operation of the product within ambient conditions, which probably alloy or harm the wire isolation, has to be avoided.
If the product is potted in customer applications, the potting material might shrink during and after hardening. The product is exposed to the
pressure of the potting material with the effect that the core, wire and termination is possibly damaged by this pressure and so the electrical
as well as the mechanical characteristics are endangered to be affected. After the potting material is cured, the core, wire and termination of
the product have to be checked if any reduced electrical or mechanical functions or destructions have occurred.
The responsibility for the applicability of customer specific products and use in a particular customer design is always within the authority of
the customer. All technical specifications for standard products do also apply to customer specific products.
Cleaning agents that are used to clean the customer application might damage or change the characteristics of the component, body or termi-
nation.
Direct mechanical impact to the product shall be prevented as the ferrite material of the core could flake or in the worst case it could break.
Product specific:
Follow all instructions mentioned in the data sheet, especially:
•The soldering profile has to be complied with according to the technical reflow soldering specification, otherwise this will void the
warranty.
•All products shall be used before the end of the period of 12 months based on the product date code, if not a 100% solderability can´t be
ensured.
•Violation of the technical product specifications such as exceeding the nominal rated current will void the warranty.
The general and prodcut specific cautions comply with the state of the scientific and technical knowledge and are believed to be accurate and
reliable; however, no responsibility is assumed for inaccuracies or incompleteness.
I Cautions and Warnings:
The following conditions apply to all goods within the product series of WE-UCF
of Würth Elektronik eiSos GmbH & Co. KG:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744290321

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744290103 WURTH-744290103 Datasheet
393Kb / 6P
   WE-UCF SMD Common Mode Line Filter
744290104 WURTH-744290104 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290121 WURTH-744290121 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290130 WURTH-744290130 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290152 WURTH-744290152 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
More results

Similar Description - 744290321

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744290121 WURTH-744290121 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290130 WURTH-744290130 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290104 WURTH-744290104 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290283 WURTH-744290283 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290152 WURTH-744290152 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290560 WURTH-744290560 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290472 WURTH-744290472 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290103 WURTH-744290103 Datasheet
393Kb / 6P
   WE-UCF SMD Common Mode Line Filter
744290473 WURTH-744290473 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
744290683 WURTH-744290683 Datasheet
1Mb / 6P
   WE-UCF SMD Common Mode Line Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com