Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-1702GFF01-I6T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-1702GFF01-I6T1U
Description  Built-in overcurrent protection circuit
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1702GFF01-I6T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-1702GFF01-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1702GFF01-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1702GFF01-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1702GFF01-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1702GFF01-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1702GFF01-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1702GFF01-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1702GFF01-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1702GFF01-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
S-1702 Series
www.sii-ic.com
SUPER-LOW CURRENT CONSUMPTION 150 mA VOLTAGE REGULATOR WITH
BUILT-IN HIGH-ACCURACY VOLTAGE DETECTOR AND RESET INPUT FUNCTION
© SII Semiconductor Corporation, 2008-2015
Rev.2.2_01
1
The S-1702 Series, developed based on CMOS technology, is a 150 mA output positive voltage regulator with a low
dropout voltage, a high-accuracy output voltage, and low current consumption.
The S-1702 Series includes a voltage regulator with high-accuracy output voltage of
±1.0% allowing to use a ceramic
capacitor of 1.0
μF or more, and a voltage detector that monitors the output/input voltage of the regulator. It also includes
an overcurrent protection circuit that prevents the output current from exceeding the current capacitance of the output
transistor and an output forcible discharge circuit for the regulator operation off.
Small SNT-6A package is available for the S-1702 Series. And an external small capacitor can be used, enabling
high-density mounting. Its super-low current consumption makes the S-1702 Series ideal for mobile devices.
Features
Regulator block
• Output voltage:
1.5 V to 5.5 V, selectable in 0.05 V step
• Output voltage accuracy:
±1.0%
• Current consumption:
Current consumption of regulator block: 9
μA typ., 16 μA max.
• Output current:
Possible to output 150 mA (VIN
≥ VOUT(S) + 1.0 V)*1
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in ON / OFF forcible discharge circuit:
Ensures long battery life, discharges output load instantaneously.
• Ripple rejection:
70 dB typ. (f = 1.0 kHz)
Detector block
• Detection voltage:
1.3 V to 5.2 V, selectable in 0.05 V step
• Built-in high-accuracy voltage detection circuit:
±1.0%
Monitoring output/input or monitoring external input by option
(detector output)
• External reset input:
Forcible assertion of detector output by external reset pin
(RESX) input
Overall
• Correlation temperature gradient in the regulator and the detector blocks
• Current consumption:
During operation*2: 10
μA typ., 18 μA max.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Attention should be paid to the power dissipation of the package when the output current is large.
*2. Excluding current flowing in pull-up and pull-down resistors connected to the ON / OFF or RESX pins
Applications
• Wireless power supply circuit block for cellular phone
• Power supply circuit block for health care product
• Power supply circuit block for various mobile device
Package
• SNT-6A


Similar Part No. - S-1702GFF01-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1701 SII-S-1701 Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701 ABLIC-S-1701 Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
S-1701A1541-M5T1X ABLIC-S-1701A1541-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
logo
Seiko Instruments Inc
S-1701A1815-M5T1G SII-S-1701A1815-M5T1G Datasheet
753Kb / 70P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-1701A1815-M5T1X ABLIC-S-1701A1815-M5T1X Datasheet
674Kb / 71P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.3.1_02
More results

Similar Description - S-1702GFF01-I6T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1317A10-M5T1U4 SII-S-1317A10-M5T1U4 Datasheet
2Mb / 31P
   Built-in overcurrent protection circuit
logo
Isahaya Electronics Cor...
VLA552-01R ISAHAYA-VLA552-01R Datasheet
229Kb / 9P
   Built-in short circuit protection
logo
Sanken electric
SPF3006 SANKEN-SPF3006 Datasheet
52Kb / 2P
   Built-in drooping type overcurrent and thermal protection circuits
logo
Rohm
BUXXSD5WG-E ROHM-BUXXSD5WG-E Datasheet
513Kb / 16P
   Built-in Over Current Protection Circuit
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
   Built-in Fold Back Protection Circuit
logo
EPCOS
B59404B0060A040 EPCOS-B59404B0060A040 Datasheet
66Kb / 3P
   Overcurrent and short-circuit protection
B59048A1080B110 EPCOS-B59048A1080B110 Datasheet
66Kb / 4P
   Overcurrent protection in MDF modules
logo
Shenzhenshi YONGFUKANG ...
HR4988 YONGFUKANG-HR4988 Datasheet
3Mb / 31P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
logo
Jiaxing Heroic Technolo...
HR4982 HEROIC-HR4982 Datasheet
426Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
HR4988 HEROIC-HR4988 Datasheet
429Kb / 3P
   Micro-stepping motor driver chip with built-in converter and overcurrent protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com