Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCI7654C0A Datasheet(PDF) 2 Page - Epson Company

Part # SCI7654C0A
Description  DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SCI7654C0A Datasheet(HTML) 2 Page - Epson Company

  SCI7654C0A Datasheet HTML 1Page - Epson Company SCI7654C0A Datasheet HTML 2Page - Epson Company SCI7654C0A Datasheet HTML 3Page - Epson Company SCI7654C0A Datasheet HTML 4Page - Epson Company SCI7654C0A Datasheet HTML 5Page - Epson Company SCI7654C0A Datasheet HTML 6Page - Epson Company SCI7654C0A Datasheet HTML 7Page - Epson Company SCI7654C0A Datasheet HTML 8Page - Epson Company SCI7654C0A Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SCI7654M0A/C0A
2
PIN CONFIGURATION
PIN DESCRIPTION
1
8
2
3
4
5
6
7
16
9
15
14
13
12
11
10
C2P
C2N
C3N
C1N
C1P
VIN
POFF1
POFF2
VOUT
VRI
VREG
RV
VDD
FC
TC1
TC2
SSOP2-16pin/DIP-16pin
Pin No.
Pin Name
Function
1VOUT
Voltage output
2VRI
Regulator input
3VREG
Regulator output
4
RV
Input for regulator output voltage adjustment
5VDD
Input voltage pin (Positive)
6
FC
Internal clock rate switch input, and clock input in serial/parallel
connection (Common input pin)
7
TC1
Input for regulator output temperature gradient setup (1)
8
TC2
Input for regulator output temperature gradient setup (2)
9
POFF2
Power-off control input (2)
10
POFF1
Power-off control input (1)
11
VIN
Input voltage pin (Negative)
12
C1P
Common double and quadruple boosting capacitor positive pin
13
C1N
Double boosting capacitor negative pin
14
C3N
Quadruple boosting capacitor negative pin
15
C2N
Triple boosting capacitor negative pin
16
C2P
Triple boosting capacitor positive pin


Similar Part No. - SCI7654C0A

ManufacturerPart #DatasheetDescription
logo
Epson Company
SCI7660 EPSON-SCI7660 Datasheet
52Kb / 6P
   DC-DC Converter
SCI7661 EPSON-SCI7661 Datasheet
113Kb / 9P
   DC-DC Converter
SCI7661C EPSON-SCI7661C Datasheet
113Kb / 9P
   DC-DC Converter
SCI7661M EPSON-SCI7661M Datasheet
113Kb / 9P
   DC-DC Converter
More results

Similar Description - SCI7654C0A

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com