Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C02AFJA-11 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-24C02AFJA-11
Description  CMOS 2-WIRE SERIAL EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C02AFJA-11 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-24C02AFJA-11 Datasheet HTML 7Page - Seiko Instruments Inc S-24C02AFJA-11 Datasheet HTML 8Page - Seiko Instruments Inc S-24C02AFJA-11 Datasheet HTML 9Page - Seiko Instruments Inc S-24C02AFJA-11 Datasheet HTML 10Page - Seiko Instruments Inc S-24C02AFJA-11 Datasheet HTML 11Page - Seiko Instruments Inc S-24C02AFJA-11 Datasheet HTML 12Page - Seiko Instruments Inc S-24C02AFJA-11 Datasheet HTML 13Page - Seiko Instruments Inc S-24C02AFJA-11 Datasheet HTML 14Page - Seiko Instruments Inc S-24C02AFJA-11 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
11
7.
Read
7.1 Current Address Read
The EEPROM is capable of storing the last accessed memory address during both writing and
reading. The memory address is stored as long as the power voltage is more than the retention
voltage V
AH.
Accordingly, when the master device recognizes the position of the address pointer inside the
EEPROM, data can be read from the memory address of the current address pointer without
assigning a word address. This is called "Current Address Read."
"Current Address Read" is explained for when the address counter inside the EEPROM is an "n"
address.
When the EEPROM receives a 7-bit length device address and a 1-bit read/write instruction code
"1," following the start condition signal, it outputs the acknowledgment signal. However, in the S-
24C04A, page address P0 becomes invalid, and the memory address of the current address pointer
becomes valid.
Next, 8-bit length data at an "n" address is output from the EEPROM, in synchronization with the
SCL clock.
The address counter is incremented at the falling edge of the SCL clock by which the 8th bit of data
is output, and the address counter goes to address n+1.
The master device does not output the acknowledgment signal and transmits the stop condition
signal to finish reading.
For recognition of the address pointer inside the EEPROM, take into consideration the following:
The memory address counter inside the EEPROM is automatically incremented for every falling
edge of the SCL clock by which the 8th bit of data is output during the time of reading. During the
time of writing, upper bits of the memory address (upper 5 bits of the word address in the S-24C01A
and S-24C02A; upper 4 bits of the word address and page address P0 in the S-24C04A) are left
unchanged and are not incremented.
Figure 12 Current Address Read
S
T
A
R
T
1 0 1 0
R
E
A
D
S
T
O
P
DEVICE
ADDRESS
R
/
W
M
S
B
SDA LINE
ADR INC
A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
A
C
K
L
S
B
1
DATA
NO ACK from
Master
Device
(A0 is P0 in the S-24C04A)


Similar Part No. - S-24C02AFJA-11

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C02ADP SII-S-24C02ADP Datasheet
1Mb / 20P
   CMOS 2-WIRED SERIAL EEPROM
More results

Similar Description - S-24C02AFJA-11

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC08 HOLTEK-HT24LC08 Datasheet
160Kb / 11P
   CMOS 8K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com