Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC54HCXXXAJ Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC54HCXXXAJ
Description  High?밣erformance Silicon?밎ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54HCXXXAJ Datasheet(HTML) 1 Page - Motorola, Inc

  MC54HCXXXAJ Datasheet HTML 1Page - Motorola, Inc MC54HCXXXAJ Datasheet HTML 2Page - Motorola, Inc MC54HCXXXAJ Datasheet HTML 3Page - Motorola, Inc MC54HCXXXAJ Datasheet HTML 4Page - Motorola, Inc MC54HCXXXAJ Datasheet HTML 5Page - Motorola, Inc MC54HCXXXAJ Datasheet HTML 6Page - Motorola, Inc MC54HCXXXAJ Datasheet HTML 7Page - Motorola, Inc MC54HCXXXAJ Datasheet HTML 8Page - Motorola, Inc MC54HCXXXAJ Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 2
© Motorola, Inc. 1995
10/95
Presettable Counters
High–Performance Silicon–Gate CMOS
The MC54/74HCT161A and HCT163A are identical in pinout to the LS161A
and LS163A. These devices may be used as level converters for interfacing
TTL or NMOS outputs to high speed CMOS inputs.
The HCT161A and HCT163A are programmable 4–bit binary counters with
asynchronous and synchronous reset, respectively.
Output Drive Capability: 10 LSTTL Loads
TTL, NMOS Compatible Input Levels
Outputs Directly Interface to CMOS, NMOS, and TTL
Operating Voltage Range: 4.5 to 5.5 V
Low Input Current: 1 µA
High Noise Immunity Characteristic of CMOS Devices
In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
Chip Complexity: 200 FETs or 50 Equivalent Gates
LOGIC DIAGRAM
Reset
Preset
Data
Inputs
Pin 16 = VCC
Pin 8 = GND
1
P3
6
P2
5
P1
4
P0
3
Clock
2
Q3
11
Q2
12
Q1
13
Q0
14
Reset
1
Load
9
Enable P
7
Enable T
10
BCD or Binary
Outputs
Count
Enables
Ripple
Carry Out
15
FUNCTION TABLE
Inputs
Output
Q
Clock
Reset*
Load
Enable P
Enable T
Output
Q
L
H
H
H
H
X
L
H
H
H
X
X
H
L
X
X
X
H
X
L
Reset
Load Preset Data
Count
No Count
No Count
H = High Level; L = Low Level; X = Don’t Care
* =
HCT163A only. HCT161A is an “Asynchronous–Reset” device.
MC54/74HCT161A
MC54/74HCT163A
Device
Count Mode
Reset Mode
HCT161A
HCT163A
Binary
Binary
Asynchronous
Synchronous
D SUFFIX
SOIC PACKAGE
CASE 751B–05
N SUFFIX
PLASTIC PACKAGE
CASE 648–08
ORDERING INFORMATION
MC54HCXXXAJ
MC74HCXXXAN
MC74HCXXXAD
Ceramic
Plastic
SOIC
1
16
1
16
J SUFFIX
CERAMIC PACKAGE
CASE 620–10
1
16
Pinout: 16–Lead Package (Top View)
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
RCO*
Q0
Q1
Q2
Q3
Enable
T
Load
Reset Clock
P0
P1
P2
P3 Enable
P
GND
* RCO = Ripple Carry Out


Similar Part No. - MC54HCXXXAJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54HCXXXAJ MOTOROLA-MC54HCXXXAJ Datasheet
92Kb / 7P
   OCTAL 3-STATE INVERTING TRANSPARENT LATCH HIGH-PERFORMANCE SILICON-GATE CMOS
MC54HCXXXAJ MOTOROLA-MC54HCXXXAJ Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC54HCXXXAJ MOTOROLA-MC54HCXXXAJ Datasheet
197Kb / 6P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS HIGH-PERFORMANCE SILICON-GATE CMOS
MC54HCXXXAJ MOTOROLA-MC54HCXXXAJ Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54HCXXXAJ MOTOROLA-MC54HCXXXAJ Datasheet
250Kb / 9P
   8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
More results

Similar Description - MC54HCXXXAJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com