Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

928918 Datasheet(PDF) 6 Page - TE Connectivity Ltd

Part # 928918
Description  Verarbeitungs-Spezifikation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

928918 Datasheet(HTML) 6 Page - TE Connectivity Ltd

Back Button 928918 Datasheet HTML 2Page - TE Connectivity Ltd 928918 Datasheet HTML 3Page - TE Connectivity Ltd 928918 Datasheet HTML 4Page - TE Connectivity Ltd 928918 Datasheet HTML 5Page - TE Connectivity Ltd 928918 Datasheet HTML 6Page - TE Connectivity Ltd 928918 Datasheet HTML 7Page - TE Connectivity Ltd 928918 Datasheet HTML 8Page - TE Connectivity Ltd 928918 Datasheet HTML 9Page - TE Connectivity Ltd 928918 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
114-18021
Rev U
6 of 10
4.6 Form- und Lagetoleranzen des gecrimpten
Kontaktes (siehe Bild 2)
4.6 Shape and Positional Tolerances of the
Crimped Contact (see Fig. 2)
Bild 2 / Fig. 2
Trennsteg max. 0.3 /
Cut off max. 0.3
max. 0,4 bei 0,75mm² oder Anw. m. Sammeldichtung/
max. 0,4 at 0,75mm² or family-seal application


Similar Part No. - 928918

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
928918 TEC-928918 Datasheet
235Kb / 1P
   EXTRACTION TOOL
More results

Similar Description - 928918

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744771147W WURTH-744771147W Datasheet
238Kb / 3P
   Spezifikation f체r Freigabe / specification for release
7490220121 WURTH-7490220121 Datasheet
200Kb / 3P
   Spezifikation f체r Freigabe / specification for release
74402900033 WURTH-74402900033 Datasheet
320Kb / 3P
   Spezifikation f체r Freigabe / specification for release
logo
List of Unclassifed Man...
30-410 ETC-30-410 Datasheet
186Kb / 2P
   Spezifikation f체r Freigabe / specification for release
logo
Wurth Elektronik GmbH &...
749118215 WURTH-749118215 Datasheet
120Kb / 2P
   Spezifikation f체r Freigabe specification for release
749023010 WURTH-749023010 Datasheet
101Kb / 3P
   Spezifikation fur Freigabe specification for release
749119350 WURTH-749119350 Datasheet
143Kb / 3P
   Spezifikation fur Freigabe specification for release
74407000018 WURTH-74407000018 Datasheet
121Kb / 3P
   Spezifikation f체r Freigabe / specification for release
749118115 WURTH-749118115 Datasheet
124Kb / 2P
   Spezifikation f체r Freigabe specification for release
749119233 WURTH-749119233 Datasheet
146Kb / 3P
   Spezifikation fur Freigabe specification for release
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com