Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R60IR2470AAL1M Datasheet(PDF) 3 Page - Kemet Corporation

Part # R60IR2470AAL1M
Description  General Purpose Metallized Polyester Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60IR2470AAL1M Datasheet(HTML) 3 Page - Kemet Corporation

  R60IR2470AAL1M Datasheet HTML 1Page - Kemet Corporation R60IR2470AAL1M Datasheet HTML 2Page - Kemet Corporation R60IR2470AAL1M Datasheet HTML 3Page - Kemet Corporation R60IR2470AAL1M Datasheet HTML 4Page - Kemet Corporation R60IR2470AAL1M Datasheet HTML 5Page - Kemet Corporation R60IR2470AAL1M Datasheet HTML 6Page - Kemet Corporation R60IR2470AAL1M Datasheet HTML 7Page - Kemet Corporation R60IR2470AAL1M Datasheet HTML 8Page - Kemet Corporation R60IR2470AAL1M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3103_R60 • 9/23/2016
3
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R60 Series, Radial, 10 – 37.5 mm Lead Spacing, 63 – 1,000 VDC (Automotive Grade)
Dimensions – Millimeters
H
p
LL
d
L
B
FRONT VIEW
SIDE VIEW
p
B
H
L
d
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
Nominal
Tolerance
10.0
+/−0.4
4.0
+0.2
9.0
+0.1
13.0
+0.2
0.6
+/−0.05
10.0
+/−0.4
5.0
+0.2
11.0
+0.1
13.0
+0.2
0.6
+/−0.05
10.0
+/−0.4
6.0
+0.2
12.0
+0.1
13.0
+0.2
0.6
+/−0.05
15.0
+/−0.4
5.0
+0.2
11.0
+0.1
18.0
+0.3
0.8
+/−0.05
15.0
+/−0.4
6.0
+0.2
12.0
+0.1
18.0
+0.3
0.8
+/−0.05
15.0
+/−0.4
7.5
+0.2
13.5
+0.1
18.0
+0.5
0.8
+/−0.05
15.0
+/−0.4
8.5
+0.2
14.5
+0.1
18.0
+0.5
0.8
+/−0.05
15.0
+/−0.4
9.0
+0.2
12.5
+0.1
18.0
+0.5
0.8
+/−0.05
15.0
+/−0.4
10.0
+0.2
16.0
+0.1
18.0
+0.5
0.8
+/−0.05
15.0
+/−0.4
11.0
+0.2
19.0
+0.1
18.0
+0.5
0.8
+/−0.05
15.0
+/−0.4
13.0
+0.2
12.0
+0.1
18.0
+0.5
0.8
+/−0.05
22.5
+/−0.4
6.0
+0.2
15.0
+0.1
26.5
+0.3
0.8
+/−0.05
22.5
+/−0.4
7.0
+0.2
16.0
+0.1
26.5
+0.3
0.8
+/−0.05
22.5
+/−0.4
8.5
+0.2
17.0
+0.1
26.5
+0.3
0.8
+/−0.05
22.5
+/−0.4
10.0
+0.2
18.5
+0.1
26.5
+0.3
0.8
+/−0.05
22.5
+/−0.4
11.0
+0.2
20.0
+0.1
26.5
+0.3
0.8
+/−0.05
22.5
+/−0.4
13.0
+0.2
22.0
+0.1
26.5
+0.3
0.8
+/−0.05
27.5
+/−0.4
9.0
+0.2
17.0
+0.1
32.0
+0.3
0.8
+/−0.05
27.5
+/−0.4
11.0
+0.2
20.0
+0.1
32.0
+0.3
0.8
+/−0.05
27.5
+/−0.4
13.0
+0.2
22.0
+0.1
32.0
+0.3
0.8
+/−0.05
27.5
+/−0.4
14.0
+0.2
28.0
+0.1
32.0
+0.3
0.8
+/−0.05
27.5
+/−0.4
18.0
+0.2
33.0
+0.1
32.0
+0.3
0.8
+/−0.05
27.5
+/−0.4
22.0
+0.2
37.0
+0.1
32.0
+0.3
0.8
+/−0.05
37.5
+/−0.4
11.0
+0.3
22.0
+0.1
41.5
+0.3
1.0
+/−0.05
37.5
+/−0.4
13.0
+0.3
24.0
+0.1
41.5
+0.3
1.0
+/−0.05
37.5
+/−0.4
16.0
+0.3
28.5
+0.1
41.5
+0.3
1.0
+/−0.05
37.5
+/−0.4
19.0
+0.3
32.0
+0.1
41.5
+0.3
1.0
+/−0.05
37.5
+/−0.4
20.0
+0.3
40.0
+0.1
41.5
+0.3
1.0
+/−0.05
37.5
+/−0.4
24.0
+0.3
44.0
+0.1
41.5
+0.3
1.0
+/−0.05
37.5
+/−0.4
30.0
+0.3
45.0
+0.1
41.5
+0.3
1.0
+/−0.05
Note: See Ordering Options Table for lead length (LL/H0) options.


Similar Part No. - R60IR2470AAL1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60IR4220AA30K KEMET-R60IR4220AA30K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 2.2 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60IR4330AA40K KEMET-R60IR4330AA40K Datasheet
53Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 3.3 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60IR44705040J KEMET-R60IR44705040J Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 4.7 uF, 5%, 250 V, 85C, Lead Spacing = 27.5mm
R60IR4470AA40K KEMET-R60IR4470AA40K Datasheet
54Kb / 1P
   R60, Film, Metallized Polyester, Commercial Grade, 4.7 uF, 10%, 250 V, 85C, Lead Spacing = 27.5mm
R60IR46805040K KEMET-R60IR46805040K Datasheet
56Kb / 1P
   Capacitor, film, 6.8 uF, /-10% Tol, -55/105C, General Purpose, 250 VDC@85C, Lead Spacing=27.5 mm
More results

Similar Description - R60IR2470AAL1M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com