Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R60MR2470AAL1M Datasheet(PDF) 4 Page - Kemet Corporation

Part # R60MR2470AAL1M
Description  General Purpose Metallized Polyester Film Capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R60MR2470AAL1M Datasheet(HTML) 4 Page - Kemet Corporation

  R60MR2470AAL1M Datasheet HTML 1Page - Kemet Corporation R60MR2470AAL1M Datasheet HTML 2Page - Kemet Corporation R60MR2470AAL1M Datasheet HTML 3Page - Kemet Corporation R60MR2470AAL1M Datasheet HTML 4Page - Kemet Corporation R60MR2470AAL1M Datasheet HTML 5Page - Kemet Corporation R60MR2470AAL1M Datasheet HTML 6Page - Kemet Corporation R60MR2470AAL1M Datasheet HTML 7Page - Kemet Corporation R60MR2470AAL1M Datasheet HTML 8Page - Kemet Corporation R60MR2470AAL1M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3103_R60 • 9/23/2016
4
Film Through-Hole Capacitors – General Purpose Metallized Polyester Film Capacitors
R60 Series, Radial, 10 – 37.5 mm Lead Spacing, 63 – 1,000 VDC (Automotive Grade)
Performance Characteristics
Dielectric
Polyesterfilm(polyethyleneterephthalate).
Plates
Metal layer deposited by evaporation under vacum.
Winding
Non-inductive type.
Leads
Tinned wire.
Protection
Plasticcase,thermosettingresinfilled.Boxmaterialissolventresistantandflameretardantaccordingto
UL94.
Related Documents
IEC 60384–2
Rated Voltage V
R (VDC)
50
63
100
160
250
400
630
1000
Rated Voltage V
R (VAC)
30
40
63
90
160
200
220
250
Capacitance Range (µF)
1.5 – 5.6
0.68 – 100
0.33 – 150
0.22 – 150
0.1 – 68
0.015 – 33 0.0047 – 10 0.001 – 4.7
Capacitance Values
E6series(IEC60063)measuredat1kHzand+20±1°C
Capacitance Tolerance
±5%, ±10%, ±20%
Operating Temperature
Range
−55°Cto+105°C
Upperoperatingtemperatureof+125°Cisallowedforamaximumoperatingtimeof1,000hours.
Rated Temperature T
R
+85°C
Voltage Derating
Above+85°CDCandACvoltagederatingis1.25%/°C
Climatic Category
55/105/56 IEC 60068–1
Storage Conditions
Storagetime:≤24monthsfromthedatemarkedonthelabelpackage
Averagerelativehumidityperyear≤70%
RH≤85%for30daysrandomlydistributedthroughouttheyear
Dew is absent
Temperature:−40to80°C(see"MaximumHumidityinStorageConditions"graphbelow)
Test Voltage
1.6 x V
RVDCfor2seconds(betweenterminations)at+25°C±5°C
Capacitance Drift
Maximum3%aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelativehumidityof40%
to 60%
Reliability
(Reference MIL–HDBK–217)
Operational life >200,000 hours
Failurerate≤5FIT,T=+40°C,V=0.5xV
R
Failure criteria: open or short circuit, cap. change > 10%, DF 2 times the catalog limits, IR < 0.005 x initial limit
Maximum Pulse Steepness
dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (Vpp <V
R),thespecifieddv/dt
can be multiplied by the factor V
R/Vpp
TemperatureCoefficient
+400(±200)ppm/°Cat1kHz
Self Inductance
(Lead Length ~ 2 mm)
Lead Spacing
(mm)
10
15
22.5
27.5
37.5
L (nH)
9
10
18
18
22
Maximum 1 nH per 1 mm lead and capacitor length.


Similar Part No. - R60MR2470AAL1M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R60MR42205040J KEMET-R60MR42205040J Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 2.2 uF, 5%, 400 V, 85C, Lead Spacing = 27.5mm
R60MR4220AA40K KEMET-R60MR4220AA40K Datasheet
53Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 2.2 uF, 10%, 400 V, 85C, Lead Spacing = 27.5mm
R60MR51005040K KEMET-R60MR51005040K Datasheet
54Kb / 1P
   Film, Metallized Polyester, Commercial Grade, R60, 10 uF, 10%, 400 V, 85C, Lead Spacing = 27.5mm
More results

Similar Description - R60MR2470AAL1M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223MTB102KE ILLINOISCAPACITOR-223MTB102KE Datasheet
377Kb / 4P
   Metallized Polyester Film Capacitors for General Purpose Applications
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
   Metallized polyester film capacitors
2001 Jun 22
logo
Illinois Capacitor, Inc...
102MWR630K ILLINOISCAPACITOR-102MWR630K Datasheet
396Kb / 4P
   Metallized Polyester Film Capacitors
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
   METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com