Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-59577-8 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 2-59577-8
Description  Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

2-59577-8 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  2-59577-8 Datasheet HTML 1Page - TE Connectivity Ltd 2-59577-8 Datasheet HTML 2Page - TE Connectivity Ltd 2-59577-8 Datasheet HTML 3Page - TE Connectivity Ltd 2-59577-8 Datasheet HTML 4Page - TE Connectivity Ltd 2-59577-8 Datasheet HTML 5Page - TE Connectivity Ltd 2-59577-8 Datasheet HTML 6Page - TE Connectivity Ltd 2-59577-8 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
408-2423
Rev B
4 of 7
3. DIE SELECTION AND INSTALLATION
Refer to Figure 2 and select a compatible die assembly for the terminal or splice, based on the wire size being
used.
Refer to the Customer Manual supplied with the machine for information concerning installation of dies in the
machine.
When installing Die Assembly 68116-1 in Machine 69875, the terminal extractor/finger guard assembly and the
clear plastic applicator guard must be moved out from the machine as follows:
1. Remove the terminal extractor/finger guard assembly holding screw.
2. Reinstall the extractor/finger assembly using the holding screw (part no. 25064-1) and six washers
(part no. 21055-7) provided with the die assembly.
3. Remove the clear plastic applicator (side) guard.
4. Reinstall the guard using the two (lower) holding screws (part no. 2-21002-2) and two spacers
(part no. 4-25272-6) provided with the die assembly.
4. CRIMPING PROCEDURE
1. Load the terminal or splice tape into the machine. Refer to the Customer Manual for tape loading
instructions.
2. Strip the wire to the dimension specified in Figure 2. Do NOT cut or nick the wire.
NOTE
Depending on your wire stripping machine adjustment capabilities, the wire strip length may be increased to the nearest
0.79 mm [1/32 in.] if necessary.
3. Insert the prepared wire into the terminal or splice until the wire is bottomed.
DANGER
KEEP HANDS CLEAR OF DIES during the crimping procedure.
4. Hold the wire in position and activate the machine to crimp the terminal or splice.
5. Inspect the crimped product for a proper termination.
5. MAINTENANCE/INSPECTION
5.1. Daily Maintenance
It is recommended that a maintenance and inspection program be performed periodically to ensure dependable
and uniform terminations.
Frequency of inspection depends on:
1. The care, amount of use, and handling of the dies.
2. The presence of abnormal amounts of dust and dirt.
3. The degree of operator skill.
4. Your own established standards.
The dies are inspected before being shipped; however, it is recommended that the dies be inspected
immediately upon arrival at your facility to ensure that no damage occurred during shipment.
Due to the precision design, it is important that no parts of these dies be interchanged except those
replacement parts listed in Section 6.


Similar Part No. - 2-59577-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-59577-8 TEC-2-59577-8 Datasheet
186Kb / 7P
   Crimping Die Assemblies
2-59577-8 TEC-2-59577-8 Datasheet
111Kb / 4P
   Reasons for reissue of this instruction sheet are provided in Section 7, REVISION SUMMARY.
More results

Similar Description - 2-59577-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
408-4199 MACOM-408-4199 Datasheet
346Kb / 7P
   This instruction sheet covers the application and maintenance procedures for Crimping Die Assembly
logo
TE Connectivity Ltd
408-8609 TEC-408-8609 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com