Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C02ADP-11-S Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-24C02ADP-11-S
Description  CMOS 2-WIRE SERIAL EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C02ADP-11-S Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-24C02ADP-11-S Datasheet HTML 1Page - Seiko Instruments Inc S-24C02ADP-11-S Datasheet HTML 2Page - Seiko Instruments Inc S-24C02ADP-11-S Datasheet HTML 3Page - Seiko Instruments Inc S-24C02ADP-11-S Datasheet HTML 4Page - Seiko Instruments Inc S-24C02ADP-11-S Datasheet HTML 5Page - Seiko Instruments Inc S-24C02ADP-11-S Datasheet HTML 6Page - Seiko Instruments Inc S-24C02ADP-11-S Datasheet HTML 7Page - Seiko Instruments Inc S-24C02ADP-11-S Datasheet HTML 8Page - Seiko Instruments Inc S-24C02ADP-11-S Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CMOS 2-WIRED SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
4
Seiko Instruments Inc.
DC Electrical Characteristics
Table 6
VCC=4.5 V to 5.5 VVCC=2.5 to 4.5 VVCC=1.8 to 2.5 V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Current consumption
(READ)
ICC1
f=100 kHz
——
0.4
——
0.3
——
0.2
mA
Current consumption
(PROGRAM)
ICC2
f=100 kHz
——
2.0
——
1.5
———
mA
Table 7
VCC=4.5 V to 5.5 V
VCC=2.5 to 4.5 V
VCC=1.8 to 2.5 V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Standby current
consumption
ISB
VIN=VCC or GND
——
1.0
——
0.6
——
0.4
µA
Input leakage
current
ILI
VIN=GND to VCC
0.1
1.0
0.1
1.0
0.1
1.0
µA
Output leakage
current
ILO
VOUT=GND to VCC
0.1
1.0
0.1
1.0
0.1
1.0
µA
IOL=3.2 mA
——
0.4
——
0.4
——
V
IOL=1.5 mA
——
0.3
——
0.3
——
0.5
V
Low level output
voltage
VOL
IOL=100
µA
——
0.1
——
0.1
——
0.1
V
Current address
retention voltage
VAH
1.5
5.5
1.5
4.5
1.5
2.5
V


Similar Part No. - S-24C02ADP-11-S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C02ADP SII-S-24C02ADP Datasheet
1Mb / 20P
   CMOS 2-WIRED SERIAL EEPROM
More results

Similar Description - S-24C02ADP-11-S

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC04 HOLTEK-HT24LC04_14 Datasheet
1Mb / 12P
   CMOS 4K 2-Wire Serial EEPROM
HT24LC32 HOLTEK-HT24LC32 Datasheet
150Kb / 12P
   CMOS 32K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02_10 Datasheet
134Kb / 14P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC64 HOLTEK-HT24LC64 Datasheet
487Kb / 10P
   CMOS 64K 2-WIRE SERIAL EEPROM
HT24LC04 HOLTEK-HT24LC04 Datasheet
164Kb / 11P
   CMOS 4K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201 Datasheet
101Kb / 11P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC128 HOLTEK-HT24LC128 Datasheet
1Mb / 12P
   CMOS 128K 2-Wire Serial EEPROM
HT2201 HOLTEK-HT2201_14 Datasheet
1Mb / 9P
   CMOS 1K 2-Wire Serial EEPROM
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
   CMOS 16K 2-Wire Serial EEPROM
HT24LC08 HOLTEK-HT24LC08 Datasheet
160Kb / 11P
   CMOS 8K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com