Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

226854-1 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 226854-1
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

226854-1 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  226854-1 Datasheet HTML 1Page - TE Connectivity Ltd 226854-1 Datasheet HTML 2Page - TE Connectivity Ltd 226854-1 Datasheet HTML 3Page - TE Connectivity Ltd 226854-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Crimped Braid
Terminatiomn
408-2833
3 of 4
Rev B
Figure 6
97 mm 9.038 In. [Dia]
(Use No. 62 Drill]
Figure 7
Modified
Anvil
Position Point on
Center of Barrel
Opposite Seam
PART NUMBER
CRIMP HEIGHT “A” (In. [mm])
DIE ASSY
TERMINAL
BRAID
SECTION
INSUL SPT
SECTION
220195-1
226854-1
3.99 to 4.11
[.157 to .162]
5.3 ± .3
[.21 (±.01)]
226855-1
4.24 to 4.37
[.167 to .172]
6.6 ± .3
[.26 (±.01)]
Figure 8
2. Refer to Section 4, CABLE PREPARATION AND
CRIMPING PROCEDURE, and crimp the terminal
accordingly.
3. Using a crimp height comparator, measure the
braid barrel crimp height as shown in Figure 8. If the
crimp height conforms to that shown in the chart,
the tool is considered dimensionally correct. If not,
refer to Section 6, CRIMP HEIGHT ADJUSTMENT,
for information on adjusting the crimp height.
For additional information concerning the use of the
crimp height comparator, refer to instruction sheet
408-7424.
6. CRIMP HEIGHT ADJUSTMENT (FIGURE 9)
1. Remove the lockscrew from the ratchet
adjustment wheel.
2. With a screwdriver, adjust the ratchet wheel from
the locator side of the tool.
3. Observe the ratchet adjustment wheel. If a tighter
crimp is required, rotate the adjustment wheel
COUNTERCLOCKWISE to a higher-numbered
setting. If a looser crimp is required, rotate the
adjustment wheel CLOCKWISE to a lower-
numbered setting.
4. Replace the lockscrew.
5. Make a sample crimp and measure the crimp
height. If the dimension is acceptable, replace and
secure the lockscrew. If the dimension is
unacceptable, continue to adjust the ratchet, and
again measure a sample crimp.
Ratchet
Adjusatment
Wheel
Screwdriver
Figure 9
7. MAINTENANCE
Ensure that the dies are clean by wiping them with a
clean, soft cloth. Remove any debris with a clean, soft
brush. Do not use objects that could damage the dies.
When the dies are not in use, mate them and store the
Lockscrew (Ref)


Similar Part No. - 226854-1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2268 KR-2268 Datasheet
15Kb / 1P
   Bandpass Filter
logo
List of Unclassifed Man...
2268 ETC2-2268 Datasheet
321Kb / 2P
   Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
Heyco.
2268 HEYCO-2268 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
logo
PHOENIX CONTACT
2268031 PHOENIX-2268031 Datasheet
121Kb / 4P
   SKBI 128-C64/C64
logo
Vishay Siliconix
22681E3 VISHAY-22681E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 226854-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com