Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

226855-1 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 226855-1
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

226855-1 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  226855-1 Datasheet HTML 1Page - TE Connectivity Ltd 226855-1 Datasheet HTML 2Page - TE Connectivity Ltd 226855-1 Datasheet HTML 3Page - TE Connectivity Ltd 226855-1 Datasheet HTML 4Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
408-2833
2 of 4
Rev B
and crimpers in place, then tighten both die
retaining screws.
To remove the dies, close the tool handles until the
ratchet releases, then remove the two die retaining
screws and slide the dies out of the tool jaws
Figure 2
4. CABLE PREPARATION AND CRIMPING PROCEDURE
1. .Strip the cable as shown in Figure 3.
2. Select a terminal and then place the stripped
cable into the braid termination section of the
terminal, using a straight downward motion. Make
sure that the braid seats in the "pic-type" braid-
termination barrel and that the outer insulation fits
into the support barrel. See Figure 4.
101.6 [4.00]
(Max)
7.94 ± .79
[.312 ± .031]
NOTE: Not to Scale
Figure 3
3. Pick up the hand tool and squeeze the handles
together until the ratchet releases, allowing the
crimping dies to spread apart. Then orient the tool
so that the insulation crimp (O-crimp) faces you and
squeeze the handles slightly to partially close the
dies.
Braid Termination Barrel
Figure 4
4. Place the terminal-cable assembly between the
dies with the cable extending away from you, as
shown in Figure 5.
Figure 5
5. Squeeze the tool handles together until the
ratchet releases, completing the crimp. Make sure
the terminal-cable assembly remains in place during
the process.
6. Bend the tab of the crimped terminal
approximately 90° as shown in Figure 6.
7. Using the pc board layout shown in Figure 7, drill
holes to accept the bent tab.
5. CRIMP HEIGHT INSPECTION
Crimp height inspection is performed using a
micrometer with a modified anvil commonly referred to
as a crimp height comparator. Refer to Instruction
Sheet 408-7424 for detailed information on obtaining
and using crimp height comparators.
To inspect the crimp height, proceed as follows:
1. Refer to Figure 8 and select the correct terminal
for the wire being used.
Braid Termination
Section of Dies


Similar Part No. - 226855-1

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2268 KR-2268 Datasheet
15Kb / 1P
   Bandpass Filter
logo
List of Unclassifed Man...
2268 ETC2-2268 Datasheet
321Kb / 2P
   Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
Heyco.
2268 HEYCO-2268 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
logo
PHOENIX CONTACT
2268031 PHOENIX-2268031 Datasheet
121Kb / 4P
   SKBI 128-C64/C64
logo
Vishay Siliconix
22681E3 VISHAY-22681E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
More results

Similar Description - 226855-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com