Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

310676-1 Datasheet(PDF) 7 Page - TE Connectivity Ltd

Part # 310676-1
Description  Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

310676-1 Datasheet(HTML) 7 Page - TE Connectivity Ltd

  310676-1 Datasheet HTML 1Page - TE Connectivity Ltd 310676-1 Datasheet HTML 2Page - TE Connectivity Ltd 310676-1 Datasheet HTML 3Page - TE Connectivity Ltd 310676-1 Datasheet HTML 4Page - TE Connectivity Ltd 310676-1 Datasheet HTML 5Page - TE Connectivity Ltd 310676-1 Datasheet HTML 6Page - TE Connectivity Ltd 310676-1 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
408-2423
Rev B
7 of 7
Replacement Parts (Quantity is one per die Assembly, except for Item 8, Quantity for Item 8 is two.)
DIE ASSY
NO.
SPECIAL
SCREW
SADDLE
SCREW
SADDLE
SPECIAL
SCREW
INSUL
INDENTER
CURVED
WASHER
INSUL
ANVIL
RTNG
RING
INDENTER
ANVIL
1
2
3
4
5
6
7
8
9
10
68116-1▪
1-59781-4
3-59577-8
1-307275-7
2-59781-5
307913-1
24088-8
308916-1
1-21046-3
307914-1
307915-1
68207-1
2-59781-4
1-59577-5
1-307275-0
2-59781-6
307276-1
24088-8
1-59619-2
1-21046-3
59779-3
59623-5
68208-1
2-59781-4
2-59577-9
307275-9
59781-6
307285-2
24088-8
1-59619-8
1-21046-3
59779-2
59623-6
69872
3-59781-4
2-59577-9
307275-9
59781-6
307285-1
24088-8
1-59619-7
1-21046-3
59779-2
59623-6
69873
2-59781-4
2-59577-9
307275-9
59781-6
307285-2
24088-8
1-59619-8
1-21046-3
59779-3
59623-5
69874
59781-1
2-59577-8
1-307275-0
59781-5
307276-1
24088-8
1-59619-2
1-21046-3
310454-1
59623-4
69877
59781-4
2-59577-7
307275-9
59781-7
307285-3
24088-8
1-59619-5
1-21046-3
59782-2
2-59615-0
69877-2
59781-4
2-59577-7
307275-9
59781-7
307285-3
24088-8
1-59619-5
1-21046-3
59782-2
2-59615-0
69878
59781-3
3-59577-0
1-307275-1
59781-8
307285-4
24088-8
1-59619-4
1-21046-3
59782-8
3-59615-0
69897
59781-1
2-59577-8
1-307275-0
59781-5
307276-2
24088-8
904765-1
1-21046-3
310454-1
59623-4
69935
1-59781-7
2-59577-7
1-307275-5
1-59781-8
310676-3
24088-8
310667-2
1-21046-3
310674-2
310675-2
69936
59781-2
2-59577-9
307275-9
59781-6
310676-4
24088-8
310667-3
1-21046-3
310674-3
310675-3
69937
2-59781-0
2-59577-9
1-307275-6
59781-6
310676-5
24088-8
310667-4
1-21046-3
310674-4
310675-4
69938
2-59781-0
2-59577-9
1-307275-6
59781-6
310676-1
24088-8
310667-1
1-21046-3
310674-1
310675-1
▪Refer to Section 3 for hardware to adapt guards.
Figure 4
57.53 [2.265]
(Ref)
15.85 [.624]
(Ref)
25.4 [1.00]
(Ref)
1
2
3
4
5
6
7
8
9
10


Similar Part No. - 310676-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
310676-2 TEC-310676-2 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
310676-6 TEC-310676-6 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
310676-7 TEC-310676-7 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
More results

Similar Description - 310676-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-9227 TEC-408-9227 Datasheet
134Kb / 4P
   Application and Maintenance for Crimping Die Assemblies
logo
Tyco Electronics
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
logo
TE Connectivity Ltd
408-2614 TEC-408-2614 Datasheet
314Kb / 5P
   Tool and Die Selection for TE Terminals and Splices
408-2575 TEC-408-2575 Datasheet
131Kb / 1P
   Tool and Die Selection Chart for AMP Terminals and Splices
logo
Tyco Electronics
408-4199 MACOM-408-4199 Datasheet
346Kb / 7P
   This instruction sheet covers the application and maintenance procedures for Crimping Die Assembly
logo
TE Connectivity Ltd
408-8609 TEC-408-8609 Datasheet
175Kb / 4P
   This instruction sheet covers the use and maintenance of Crimping Die Assemblies
logo
Tyco Electronics
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com